công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12DL065CIVS/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADC12DL065CIVS/NOPB
Giải thích chi tiết về linh kiện  ADC12DL065 Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL065CIVS/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADC12DL065CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ADC12DL065
www.ti.com
SNAS249D – MARCH 2005 – REVISED APRIL 2013
ADC12DL065 Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
Check for Samples: ADC12DL065
1
FEATURES
DESCRIPTION
The ADC12DL065 is a dual, low power monolithic
2
•
Single +3.3V Supply operation
CMOS
analog-to-digital
converter
capable
of
•
Internal Sample-and-Hold
converting analog input signals into 12-bit digital
•
Internal Reference
words at 65 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
•
Outputs 2.4V to 3.6V Compatible
digital error correction and an on-chip sample-and-
•
Power Down Mode
hold circuit to minimize power consumption while
•
Duty Cycle Stabilizer
providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single
•
Multiplexed Output Mode
+3.3V power supply, the ADC12DL065 achieves 11.0
effective bits at nyquist and consumes just 360 mW
APPLICATIONS
at 65 MSPS, including the reference current. The
•
Ultrasound and Imaging
Power Down feature reduces power consumption to
36 mW.
•
Instrumentation
•
Communications Receivers
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
•
Sonar/Radar
of a single-ended input. Full use of the differential
•
xDSL
input is recommended for optimum performance. The
•
Cable Modems
digital outputs from the two ADC's are available on a
single multiplexed 12-bit bus or on separate buses.
•
DSP Front Ends
Duty cycle stabilization and output data format are
selectable using a quad state function pin. The output
KEY SPECIFICATIONS
data can be set for offset binary or two's complement.
•
Resolution: 12 Bits
To ease interfacing to lower voltage systems, the
•
DNL: ±0.4 LSB (typ)
digital output driver power pins of the ADC12DL065
•
SNR (fIN = 10 MHz): 69 dB (typ)
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage. This
•
SFDR (fIN = 10 MHz): 86 dB (typ)
device is available in the 64-lead TQFP package and
•
Data Latency: 7 Clock Cycles
will operate over the industrial temperature range of
•
Power Consumption
−40°C to +85°C. An evaluation board is available to
ease the evaluation process.
–
Operating: 360 mW (typ)
–
Power Down Mode: 36 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADC12DL065CIVS/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DL065CIVS/NOPB TI1-ADC12DL065CIVS/NOPB Datasheet
879Kb / 35P
360mW A/D Converter
More results

Mô tả tương tự - ADC12DL065CIVS/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35