| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC12DL040CIVS/NOPB bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC12DL040CIVS/NOPB bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 38 page ![]() ADC12DL040 SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013 www.ti.com Single-Ended Operation Performance with differential input signals is better than with single-ended signals. For this reason, single-ended operation is not recommended. However, if single ended-operation is required and the resulting performance degradation is acceptable, one of the analog inputs should be connected to the d.c. mid point voltage of the driven input. The peak-to-peak differential input signal at the driven input pin should be twice the reference voltage to maximize SNR and SINAD performance (Figure 35b). For example, set VREF to 0.5V, bias VIN− to 1.0V and drive VIN+ with a signal range of 0.5V to 1.5V. Because very large input signal swings can degrade distortion performance, better performance with a single- ended input can be obtained by reducing the reference voltage when maintaining a full-range output. Table 1 and Table 2 indicate the input to output relationship of the ADC12DL040. Table 1. Input to Output Relationship – Differential Input VIN+ VIN− Binary Output 2’s Complement Output VCM − VREF/2 VCM + VREF/2 0000 0000 0000 1000 0000 0000 VCM − VREF/4 VCM + VREF/4 0100 0000 0000 1100 0000 0000 VCM VCM 1000 0000 0000 0000 0000 0000 VCM + VREF/4 VCM − VREF/4 1100 0000 0000 0100 0000 0000 VCM + VREF/2 VCM − VREF/2 1111 1111 1111 0111 1111 1111 Table 2. Input to Output Relationship – Single-Ended Input VIN+ VIN− Binary Output 2’s Complement Output VCM − VREF VCM 0000 0000 0000 1000 0000 0000 VCM − VREF/2 VCM 0100 0000 0000 1100 0000 0000 VCM VCM 1000 0000 0000 0000 0000 0000 VCM + VREF/2 VCM 1100 0000 0000 0100 0000 0000 VCM + VREF VCM 1111 1111 1111 0111 1111 1111 Driving the Analog Inputs The VIN+ and the VIN− inputs of the ADC12DL040 consist of an analog switch followed by a switched-capacitor amplifier. The capacitance seen at the analog input pins changes with the clock level, appearing as 8 pF when the clock is low, and 7 pF when the clock is high. As the internal sampling switch opens and closes, current pulses occur at the analog input pins, resulting in voltage spikes at the signal input pins. As a driving amplifier attempts to counteract these voltage spikes, a damped oscillation may appear at the ADC analog input. Do not attempt to filter out these pulses. Rather, use amplifiers to drive the ADC12DL040 input pins that are able to react to these pulses and settle before the switch opens and another sample is taken. The LMH6702 LMH6628, LMH6622 and the LMH6655 are good amplifiers for driving the ADC12DL040. To help isolate the pulses at the ADC input from the amplifier output, use RCs at the inputs, as can be seen in Figure 37 through Figure 39. These components should be placed close to the ADC inputs because the input pins of the ADC is the most sensitive part of the system and this is the last opportunity to filter that input. For Nyquist applications the RC pole should be at the ADC sample rate. The ADC input capacitance in the sample mode should be considered when setting the RC pole. For wideband undersampling applications, the RC pole should be set at about 1.5 to 2 times the maximum input frequency to maintain a linear delay response. A single-ended to differential conversion circuit is shown in Figure 39. Table 3 gives resistor values for that circuit to provide input signals in a range of 1.0V ±0.5V at each of the differential input pins of the ADC12DL040. Table 3. Resistor Values for Circuit of Figure 39 SIGNAL RANGE R1 R2 R3 R4 R5, R6 0 - 0.25V open 0 Ω 124 Ω 1500 Ω 1000 Ω 0 - 0.5V 0 Ω open Ω 499 Ω 1500 Ω 499 Ω ±0.25V 100 Ω 698 Ω 100 Ω 698 Ω 499 Ω 22 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: ADC12DL040 |