công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AIO-CSJGIN5/2 bảng dữ liệu(PDF) 28 Page - Amphenol Industrial Products Group.

tên linh kiện AIO-CSJGIN5/2
Giải thích chi tiết về linh kiện  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AIO [Amphenol Industrial Products Group.]
Trang chủ  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN5/2 bảng dữ liệu(HTML) 28 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN5/2 Datasheet HTML 24Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 25Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 26Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 27Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 28Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 29Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 30Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 31Page - Amphenol Industrial Products Group. AIO-CSJGIN5/2 Datasheet HTML 32Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
26
Amphenol PT-SE, SP-SE, MS/PT-SE
Proprietary/MIL-DTL-26482, Series 1
bayonet coupling and crimp termination
box mounting
receptacle
Amphenol® SE crimp type miniature connectors provide
performance and versatility needed for applications
demanding high reliability and crimp removable contacts.
These crimp contacts are rear insertable/front release and
are held in position by an MS approved spring tower
retention system.
The MS/PT-SE Series is qualified to MIL-DTL-26482, Series 1
and has all the outstanding design characteristics and quality of
the PT Series.
The SP-SE Series is a modification of the PT-SE, providing
special shells with a wide mounting flange for back panel
mounting.
A corrosion resistant electrically conductive finish of cadmium
plate with an olive drab chromate after-treatment is used on the
PT-SE and MS/PT-SE. The SP-SE is given a durable non-con-
ductive hard anodic “Alumilite”® coating which provides abrasion
protection and resistance to corrosion.
**NEW** 500 hour corrosion resistance, RoHS compliant
harsh environment conductive plating. Gray Zinc over an
Electroless Nickel (Gray ZnNi) base, with a Light Gun Metal
Gray appearance.
Shell components for these series are aluminum. The depend-
able 5 key/keyway polarization with bayonet lock coupling
assures positive mating with no chance of cross plugging.
Spring tension provided by a wave washer in the coupling nut
ensures maintenance of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient
neoprene. This provides excellent moisture sealing at the gasket
and superior electrical isolation of the contact in the insert.
Both pins and sockets are machined from a copper alloy and are
gold plated. This gold plating eliminates contact corrosion and
offers an indefinite shelf life. Socket contacts for these series are
a closed entry design.
Breakaway style plug is available in PT-SE crimp.
The PT-SE, SP-SE and MS/PT-SE Series are intermateable and
intermountable with all existing Miniature Cylindrical Series
connectors.
Refer to pages 4-10 for insert arrangement availability.
* This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
wall mounting
receptacle
cable
connecting
receptacle*
straight plug
jam nut
receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com