| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
72000 bảng dữ liệu(PDF) 13 Page - Presto International UK Limited |
|
|
|||||||||||||||||||||||||||||
72000 bảng dữ liệu(HTML) 13 Page - Presto International UK Limited |
|
13 / 24 page ![]() presto-tools.com 13 DIN 371 Metric Coarse Taps Series # Standard Material Type Size Range Surface 631305 N HSSE Straight M3 - M10 P0 Bright 631313 GG HSSE PM Straight P6 TiCN 631319 RH15 HSSE PM Spiral Flute P6 TiCN 631332 BN HSS Spiral Point P0 Bright or P5 TiN 631334 BVA HSS Spiral Point P0 Bright 631363 R40N HSS Spiral Flute P0 Bright or P5 TiN 631370 R40VAT HSS Spiral Flute P0 Bright 631377 FCS HSSE PM Fluteless Roll P5 TiN 651346 BVAX HSSE PM Spiral Point P6 TiCN 651386 R40VAX HSSE PM Spiral Flute P6 TiCN DIN 376 Metric Coarse Taps Series # Standard Material Type Size Range Surface 631405 N HSSE Straight M6 - M36 P0 Bright 631413 GG HSSE PM Straight M8 - M16 P6 TiCN 631419 RH15 HSSE PM Spiral Flute M8 - M24 P6 TiCN 631432 BN HSSE Spiral Point M8 - M42 P0 Bright or P5 TiN 631434 BVA HSSE Spiral Point M8 - M24 P0 Bright 631463 R40N HSSE Spiral Flute M6 - M42 P0 Bright or P5 TiN 631470 R40VAT HSSE Spiral Flute M8 - M24 P0 Bright 651446 BVAX HSSE PM Spiral Point M12 - M20 P6 TiCN 651486 R40VAX HSSE PM Spiral Flute M8 - M24 P6 TiCN DIN 374 Metric Coarse & MF Taps Series # Standard Material Type Size Range Surface 632505 N HSSE Straight M8 - M27 P0 Bright 632532 BN Spiral Point M8 - M16 P0 Bright 632563 R40N Spiral Flute M8 - M24 P0 Bright or P5 TiN 652546 BVAX Spiral Point MF8 - MF16 P0 Bright DIN 5156 BSPF (G) Taps Series # Standard Material Type Size Range Surface 635705 N HSSE Straight 1/8" - 1" P0 Bright 635732 BN Spiral Point 635763 R40N Spiral Flute |