công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSM102 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện TSM102
Giải thích chi tiết về linh kiện  DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TSM102 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TSM102 Datasheet HTML 1Page - Texas Instruments TSM102 Datasheet HTML 2Page - Texas Instruments TSM102 Datasheet HTML 3Page - Texas Instruments TSM102 Datasheet HTML 4Page - Texas Instruments TSM102 Datasheet HTML 5Page - Texas Instruments TSM102 Datasheet HTML 6Page - Texas Instruments TSM102 Datasheet HTML 7Page - Texas Instruments TSM102 Datasheet HTML 8Page - Texas Instruments TSM102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
Total Device Electrical Characteristics
TSM102
,, TSM102A
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR,
AND VOLTAGE REFERENCE
SLVS602 – MARCH 2006
over free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
36
V
VID
Input differential voltage
36
V
VI
Input voltage range
–0.3
36
V
IKA
Voltage reference cathode current
100
mA
D package
73
θ
JA
Package thermal impedance(2)(3)
°C/W
PW package
108
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage
3
30
V
VID
Comparator differential input voltage
VCC+ – VCC–
V
VKA
Cathode-to-anode voltage
VREF
36
V
IK
Reference cathode current
1
100
mA
TA
Operating free-air temperature
–40
85
°C
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
0.8
1.5
Total supply current,
ICC
VCC+ = 5 V, VCC– = 0 V, No load
mA
excluding reference cathode current
Full range
2
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18