| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLLS962D bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLLS962D bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 24 page ![]() TUSB9260 www.ti.com SLLS962D – DECEMBER 2009 – REVISED MAY 2011 3.2 Firmware Support Default firmware support is provided for the following: • USB 3.0 SuperSpeed and USB 2.0 High-Speed and Full-Speed • USB Attached SCSI Protocol (UASP) • USB Mass Storage Class (MSC) Bulk-Only Transport (BOT) – Including the 13 Error Cases • USB Mass Storage Specification for Bootability • USB Device Class Definition for Human Interface Devices (HID) – Firmware Update and Custom Functionality (e.g. One-Touch Backup) • Serial ATA Advanced Host Controller Interface (AHCI) • General Purpose Input/Output (GPIO) – LED Control and Custom Functions (e.g. One-Touch Backup Control) • Pulse Width Modulation (PWM) – LED Dimming Control • Serial Peripheral Interface (SPI) – Firmware storage and storing Custom Device Descriptors • Serial Communications Interface (SCI) – Debug Output Only 3.3 GPIO/PWM LED Designations The default firmware provided by TI drives the GPIO and PWM outputs as listed in the table below. Table 3-1. GPIO/PWM LED Designations GPIO0 SW heartbeat 00: U3 state or default 01: U2 state GPIO1/GPIO5 USB3 power state (U0-U3) 10: U1 state 11: U0 state GPIO2 HS/FS suspend GPIO3 Push button input on customer board GPIO4 Not used GPIO6 FS/HS connected GPIO7 SS connected PWM0 Disk activity PWM1 U3 or HS/FS suspend state (fades high and low) GPIO10 Not used (SPICS1) GPIO11 Not used (SPICS2) The LED ’s on the TUSB9260 Product Development Kit (PDK) board are connected as in the table above. Please see the TUSB9260 PDK Guide (SLLA303) for more information on GPIO LED connection and usage. This EVM is available for purchase, contact TI for ordering information. Copyright © 2009–2011, Texas Instruments Incorporated OPERATION 9 Submit Documentation Feedback Product Folder Link(s): TUSB9260 |