công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD54ACT374 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện CD54ACT374
Giải thích chi tiết về linh kiện  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CD54ACT374 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button CD54ACT374 Datasheet HTML 8Page - Texas Instruments CD54ACT374 Datasheet HTML 9Page - Texas Instruments CD54ACT374 Datasheet HTML 10Page - Texas Instruments CD54ACT374 Datasheet HTML 11Page - Texas Instruments CD54ACT374 Datasheet HTML 12Page - Texas Instruments CD54ACT374 Datasheet HTML 13Page - Texas Instruments CD54ACT374 Datasheet HTML 14Page - Texas Instruments CD54ACT374 Datasheet HTML 15Page - Texas Instruments CD54ACT374 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
7.3 Layout
7.3.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused, for example, when only two inputs of a triple-input AND gate are used or only
three of the four buffer gates are used. Such input pins should not be left unconnected because the undefined
voltages at the outside connections result in undefined operational states. Specified below are the rules that
must be observed under all circumstances. All unused inputs of digital logic devices must be connected to a high
or low bias to prevent them from floating. The logic level that should be applied to any particular unused input
depends on the function of the device. Generally they will be tied to GND or VCC whichever make more sense
or is more convenient. Floating outputs is generally acceptable, unless the part is a transceiver. If the transceiver
has an output enable pin it will disable the outputs section of the part when asserted. This will not disable the
input section of the I.O’s so they also cannot float when disabled.
www.ti.com
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16