công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD74HC4046AM96 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện CD74HC4046AM96
Giải thích chi tiết về linh kiện  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC4046AM96 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button CD74HC4046AM96 Datasheet HTML 17Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 18Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 19Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 20Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 21Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 22Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 23Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 24Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-8875701EA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8875701EA
CD54HCT4046AF3
A
5962-8960901EA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8960901EA
CD54HC4046AF3A
CD54HC4046AF
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
CD54HC4046AF
CD54HC4046AF.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
CD54HC4046AF
CD54HC4046AF3A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8960901EA
CD54HC4046AF3A
CD54HC4046AF3A.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8960901EA
CD54HC4046AF3A
CD54HCT4046AF3A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8875701EA
CD54HCT4046AF3
A
CD54HCT4046AF3A.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8875701EA
CD54HCT4046AF3
A
CD74HC4046AE
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HC4046AE
CD74HC4046AE.A
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HC4046AE
CD74HC4046AM
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046AM.A
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046AM96
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046AM96.A
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046AM96E4
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046AM96G4
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046AMT
Active
Production
SOIC (D) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046AMT.A
Active
Production
SOIC (D) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046ANSR
Active
Production
SOP (NS) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046ANSR.A
Active
Production
SOP (NS) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC4046AM
CD74HC4046APW.A
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HJ4046A
CD74HC4046APWR
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HJ4046A
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com