| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFE7954IALK bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE7954IALK bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 31 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) AFE7954IABJ ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE7954IABJ ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE7954IABJ.B ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE7954IABJ.B ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE7954IALK ALK FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE7954IALK ALK FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE7954IALK.B ALK FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE7954IALK.B ALK FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 Pack Materials-Page 1 |