| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFE5803 bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE5803 bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 53 page ![]() AFE5803 SLOS763A – JANUARY 2012 – REVISED JANUARY 2012 www.ti.com SCLK clock cycles + 4 ADC clock cycles. To change the customer pattern value, users can repeat writing Register 5[13:0] with a new value. Due to the speed limit of SPI, the refresh rate of the custom pattern may not be high. For example, 128 points custom pattern will take approximately 128 x (24 SCLK clock cycles + 4 ADC clock cycles). NOTE only one of the above patterns can be active at any given instant. SYNC_PATTERN: Address: 10[8] By enabling this bit, all channels' test pattern outputs are synchronized. When 10[8] is set as 1, the ramp patterns of all 8 channels start simultaneously. 28 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Link(s): AFE5803 |