công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8348 bảng dữ liệu(PDF) 25 Page - Analog Devices

tên linh kiện AD8348
Giải thích chi tiết về linh kiện  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8348 bảng dữ liệu(HTML) 25 Page - Analog Devices

Back Button AD8348 Datasheet HTML 21Page - Analog Devices AD8348 Datasheet HTML 22Page - Analog Devices AD8348 Datasheet HTML 23Page - Analog Devices AD8348 Datasheet HTML 24Page - Analog Devices AD8348 Datasheet HTML 25Page - Analog Devices AD8348 Datasheet HTML 26Page - Analog Devices AD8348 Datasheet HTML 27Page - Analog Devices AD8348 Datasheet HTML 28Page - Analog Devices AD8348 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADL5375
Rev. 0 | Page 25 of 32
GSM/EDGE OPERATION
The performance of the ADL5375 in a GSM/EDGE environ-
ment is shown in this section.
Figure 64 illustrates the 6 MHz offset noise of the ADL5375-05
and the ADL5375-15 vs. output power at 940 MHz. Figure 65
demonstrates how the 6 MHz offset noise is affected by varia-
tions in LO drive level for both versions of the ADL5375 at
940 MHz.
OUTPUT POWER (dBm)
–107
–106
–105
–104
–103
–102
–101
–100
–99
–5
–4
–3
–2
–1
0
ADL5375-05
ADL5375-15
Figure 64. GSM/Edge (8-PSK) 6 MHz Offset Noise at 940 MHz vs. Output
Power,
LO Drive = 0 dBm
LO DRIVE (dBm)
–109
–108
–107
–106
–105
–104
–103
–102
–101
01234567
ADL5375-05
ADL5375-15
Figure 65. GSM/Edge (8-PSK) 6 MHz Offset Noise at 940 MHz vs. LO Drive,
Output Power = 0 dBm
W
-CDMA OPERATION
The ADL5375 is suitable for W-CDMA operation. Figure 66
and Figure 67 show the adjacent and alternate channel power
ratios for the ADL5375-05 and ADL5375-15, respectively, at an
LO frequency of 2140 MHz.
–84
–82
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–18
–16
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm)
ALTERNATE CPR
ADJACENT CPR
Figure 66. ADL5375-05 Single-Carrier W-CDMA Adjacent and Alternate
Channel Power vs. Output Power at 2140 MHz; LO Power = 0 dBm
–20
–58
–82
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
–18
–16
–14
–12
–10
–8
–6
–4
OUTPUT POWER (dBm)
ALTERNATE CPR
ADJACENT CPR
Figure 67. ADL5375-15 Single-Carrier W-CDMA Adjacent and Alternate
Channel Power vs. Output Power at 2140 MHz; LO Power = 0 dBm
Figure 66 and Figure 67 show that both versions of the ADL5375
are able to deliver about or better than −72 dB ACPR at an
output power of −10 dBm.
Figure 68 and Figure 69 illustrate the sensitivity of the EVM to
variations in LO drive at 2140 MHz for the ADL5375-05 and
ADL5375-15 respectively.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–6
–4
–2
0
2
4
6
LO DRIVE (dBm)
SYMBOL EVM
COMPOSITE EVM
Figure 68. ADL5375-05 Single Carrier W-CDMA Composite and Symbol EVM
vs. LO Drive at 2140 MHz; Output Power = −10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com