công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC08060CIMT/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADC08060CIMT/NOPB
Giải thích chi tiết về linh kiện  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060CIMT/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADC08060CIMT/NOPB Datasheet HTML 1Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 2Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 3Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 4Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 5Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 6Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 7Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 8Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
Converter Electrical Characteristics
The following specifications apply for VA = DR VD = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 60 MHz at 50% duty
cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TA = 25°C
(1) (2) (3)
Units
Symbol
Parameter
Conditions
Typical (4)
Limits (4)
(Limits)
DC ACCURACY
INL
Integral Non-Linearity
±0.5
±1.3
LSB (max)
+1.0
LSB (max)
DNL
Differential Non-Linearity
±0.4
−0.9
LSB (min)
Missing Codes
0
(max)
FSE
Full Scale Error
18
±28
mV (max)
ZSE
Zero Scale Offset Error
26
±35
mV (max)
ANALOG INPUT AND REFERENCE CHARACTERISTICS
VRB
V (min)
VIN
Input Voltage
1.6
VRT
V (max)
(CLK LOW)
3
pF
CIN
VIN Input Capacitance
VIN = 0.75V +0.5 Vrms
(CLK HIGH)
4
pF
RIN
RIN Input Resistance
>1
M
Ω
BW
Full Power Bandwidth
200
MHz
VA
V (max)
VRT
Top Reference Voltage
1.9
1.0
V (min)
VRT − 1.0
V (max)
VRB
Bottom Reference Voltage
0.3
0
V (min)
1.0
V (min)
VRT - VRB Reference Delta
1.6
2.3
V (max)
150
Ω (min)
RREF
Reference Ladder Resistance
VRT to VRB
220
300
Ω (max)
5.3
mA (min)
IREF
Reference Ladder Current
7.3
10.6
mA (max)
(1)
The Electrical characteristics tables list ensured specifications under the listed Recommended Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations for room temperature only
and are not ensured.
(2)
The analog inputs are protected as shown below. Input voltage magnitudes up to VA + 300 mV or to 300 mV below GND will not
damage this device. However, errors in the A/D conversion can occur if the input goes above DR VD or below GND by more than 100
mV. For example, if VA is 2.7VDC the full-scale input voltage must be ≤2.6VDC to ensure accurate conversions.
(3)
To ensure accuracy, it is required that VA and DR VD be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors.
(4)
Typical figures are at TJ = 25°C, and represent most likely parametric norms at specific conditions at the time of product characterization
and are not ensured. Test limits are specified to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com