công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADL5372 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADL5372
Giải thích chi tiết về linh kiện  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADL5372 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADL5372 Datasheet HTML 7Page - Analog Devices ADL5372 Datasheet HTML 8Page - Analog Devices ADL5372 Datasheet HTML 9Page - Analog Devices ADL5372 Datasheet HTML 10Page - Analog Devices ADL5372 Datasheet HTML 11Page - Analog Devices ADL5372 Datasheet HTML 12Page - Analog Devices ADL5372 Datasheet HTML 13Page - Analog Devices ADL5372 Datasheet HTML 14Page - Analog Devices ADL5372 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADL5375
Rev. 0 | Page 11 of 32
ADL5375-05
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
–15
–10
–5
0
5
10
0.06
2
BASEBAND INPUT VOLTAGE (V rms)
SSB OUTPUT
POWER (dBm)
CARRIER
FEEDTHROUGH (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
SIDEBAND
SUPPRESSION (dBc)
Figure 15. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level
(fLO = 3500 MHz)
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
THIRD-ORDER
SECOND-ORDER
TA = +85°C
TA = –40°C
TA = +25°C
Figure 16. Second- and Third-Order Distortion vs. LO Frequency (fLO) and
Temperature (Baseband I/Q Amplitude = 1 V p-p Differential)
110
–3.5
–2.5
–1.5
–0.5
0.5
1.5
–70
–60
–50
–40
–30
100
–20
BASEBAND FREQUENCY (MHz)
SSB OUTPUT POWER (dBm)
CARRIER
FEEDTHROUGH (dBm)
SIDEBAND
SUPPRESSION (dBc)
SECOND-ORDER
DISTORTION (dBc)
Figure 17. Second-Order Distortion, Carrier Feedthrough, Sideband
Suppression, and SSB POUT vs. Baseband Frequency (fBB); fLO = 2140 MHz
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
0.51.01.52.02.53.03.54.04.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 18. OIP3 vs. LO Frequency (fLO) and Temperature (POUT ≈ −5 dBm @
fLO = 900 MHz)
0
10
20
30
40
50
60
70
80
0
0.51.01.52.02.53.03.54.04.5 5.0 5.5 6.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 19. OIP2 vs. LO Frequency (fLO) and Temperature (POUT ≈ −5 dBm @
fLO = 900 MHz)
–80
–70
–60
–50
–40
–30
–20
–6
–4
–2
0246
–4
–3
–2
–1
0
1
2
LO AMPLITUDE (dBm)
CARRIER
FEEDTHROUGH (dBm)
SIDEBAND
SUPPRESSION (dBc)
SSB OUTPUT
POWER (dBm)
SECOND-ORDER
DISTORTION (dBc)
THIRD-ORDER
DISTORTION (dBc)
Figure 20. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 900 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com