| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TIIL6F bảng dữ liệu(PDF) 3 Page - Carling Technologies |
|
|
|||||||||||||||||||||||||||||
TIIL6F bảng dữ liệu(HTML) 3 Page - Carling Technologies |
|
3 / 3 page ![]() Carlingswitch,Inc. (860) 793-9281• Carlingswitch, LTD. Int + 44 1392-364422 • Carlingswitch Asia-Pacific, LTD. Int + 852-2737-2277 42 Rocker Switches Bracket Dimensions: in. [mm] NOTES Double brackets supplied on TII-Series when B style bracket is specified. Consult factory for dimensional information. * Available in both clearance and tapped hole options. Please specify when ordering. 55° .680[17.27] 1.960[49.78] .156[3.96] DIA .156[3.96] DIA 1.892[48.06] 4 plcs* A TIH 1.940[49.27] A TII .158[4.01] DIA 1.940[49.27] A TIG .156[3.96] .156[3.96] 2.093[53.16] 1.625[41.27] 1.625[41.27] A TIL .426[10.82] GCP GMP GLOSS FINISH MATTE FINISH 1.700[43.18] .430[10.92] MBL, NBL, WBL TIG BLACK NYLON, SNAP-IN 1.625[41.27] 1.940[49.27] .426[10.82] 1.875[47.62] .520[13.21] 1.625[41.27] C TIG C* TIL 1.625[41.27] 1.126[28.60] H TIG FN TIL, TIG, TIH, TII METAL, SNAP-IN .900[22.86] 1.570[39.87] .070[1.77] * Angled corners are suggested for optimum fit. Standard rectangular cutout is acceptable. MOUNTING HOLE (Nylon Snap-in Brackets) Panel Thickness: .030 min. - .250 max. 1.450[36.83] 1.190[30.22] .830[21.08] NARROW 1.625[41.27] MARINE / STD / WATERSHEDDING 1.570[39.88] .960[24.38] C TIH, TII 2.062[52.37] 1.625[41.27] 1.700[43.18] # TAPPED HOLE Standard with A & B Brackets 6-32NC-2 TAP 1.625[41.27] .078[1.98] .078[1.98] .078[1.98] 1.625[41.27] .960[24.38] .078[1.98] CLEARANCE HOLE Standard with C Bracket 2.090[53.08] 1.625[41.27] 1.350[34.29] 1.950[49.53] HOLE PLUG FOR TIL, TIG, TIH & TII B TII, TIG B TIL FW TIL, TIG, TIH, TII METAL, SNAP-IN WIDE 1.750[44.45] |