công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3847085DBVR.B bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TPS3847085DBVR.B
Giải thích chi tiết về linh kiện  TPS3847 18-V, 380-nA Voltage Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3847085DBVR.B bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TPS3847085DBVR.B Datasheet HTML 2Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 3Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 4Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 5Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 6Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 7Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 8Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 9Page - Texas Instruments TPS3847085DBVR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
VIT± + Vhys
VIT±
RESET
tpd(VCC)
td
td(START)
VCC
MR
VVO
VIL
tpd(MR)
VIH
td
TPS3847
SBVS231A – AUGUST 2014 – REVISED MARCH 2015
www.ti.com
6.6 Timing Requirements
At TJ = –40°C to +85°C, 4.5 V < VCC < 18 V, and CIN = 0.1 μF (unless otherwise noted). Typical values are at TJ = 25°C.
PARAMETER
MIN
TYP
MAX
UNIT
td
RESET delay time(1)
4.5
20
ms
td(START)
Startup delay time(2)
6.5
40
ms
tpd(VCC)
Propagation delay for VCC falling(3)
55
µs
tpd(MR)
Propagation delay MR falling(4)
50
µs
tP(MR)
MR minimum high to low pulse duration for RESET low
50
µs
(1)
Delay from when V(VCC) ≥ VIT– or VMR ≥ VIH until RESET goes high when V(VCC) starts from above the specified minimum V(VCC).
Measured with 5% overdrive.
(2)
When V(VCC) starts from less than the specified minimum V(VCC) and then exceeds Vth, RESET goes high after the startup delay
(td(START)) instead of the RESET delay time (td). Measured with 5% overdrive.
(3)
Delay from V(VCC) < Vth until RESET goes low. Measured with 8% overdrive.
(4)
Delay from VMR < VIL until RESET goes low. Measured with 8% overdrive.
Timing Diagram
6
Submit Documentation Feedback
Copyright © 2014–2015 , Texas Instruments Incorporated
Product Folder Links: TPS3847



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com