công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PX2JS2XX007G bảng dữ liệu(PDF) 1 Page - Honeywell Solid State Electronics Center

tên linh kiện PX2JS2XX007G
Giải thích chi tiết về linh kiện  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2JS2XX007G bảng dữ liệu(HTML) 1 Page - Honeywell Solid State Electronics Center

  PX2JS2XX007G Datasheet HTML 1Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2JS2XX007G Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
• Pressure range: 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to
1000 psi
• Pressure reference: Absolute, sealed gage or vented gage
• Pressure port types: 7/16-20 UNF 1/4 in 45° Flare Female
Schrader (SAE J512), 7/16-20 UNF 45° Flare Male (SAE
J513), 7/16-20 UNF 37° Flare Male (SAE J514), G1/4 (ISO
1179-3), G1/8 (ISO 1179-3), M12 x 1.5 (ISO 6149-3),
1/4-18 NPT, 1/8-27 NPT, 9/16-18 UNF, (SAE J1926-3), or
7/16-20 UNF (SAE J1926-3)
• Electrical connector types: Metri-Pack 150 (UL 94 HB or V-0
options), Micro M12, DIN, Deutsch, or cable harness
(1 m, 2 m, 3 m, or 5 m)
• Total Error Band: ±2.0 %
• Operating and compensated temperature range: -40°C to
125°C [-40°F to 257°F]
• Response time: <2 ms
• Life: Minimum of 10 million cycles to operating pressure
• Output transfer function: Ratiometric, regulated or current
• Mechanical shock rating: 100 G per MIL-STD-202F, Method
213B, Cond. F
• Vibration rating: 20 G sweep, 10 Hz to 2000 Hz
• Ingress protection: Up to IP69K
• Radiated immunity protection: Up to 100 V/m (ISO 11452-2)
• Flame retardant options: UL 94 HB standard on all electrical
terminations; UL 94 V-0 available upon request
POTENTIAL APPLICATIONS
• Industrial: Refrigerant pressure monitoring in HVAC/R
systems; air compressor system pressure
• Transportation: Air system monitoring; hydraulic oil pressure
monitoring
The PX2 Series is not recommended for use with media
involving water, saturated air such as steam and vapor, and
ammonia.
PORTFOLIO
Honeywell’s PX2 Series joins the PX3 Series, MLH Series, and
SPT Series heavy duty pressure transducers.
Sensing and Internet of Things
Datasheet
DESCRIPTION
Honeywell’s PX2 Series Heavy Duty Pressure Transducers
are a portfolio of configurable pressure sensors that use
piezoresistive sensing technology with ASIC (Application
Specific Integrated Circuit) signal conditioning in a stainless
steel housing. The PX2 Series is fully calibrated and
compensated for offset, sensitivity, temperature effects and
non-linearity using the on-board ASIC. These transducers
measure absolute, sealed gage, or vented gage pressure. The
absolute versions have an internal vacuum reference and
an output value proportional to absolute pressure, sealed
gage versions have an internal pressure reference of one
atmosphere at sea level, and vented gage versions measure
pressure with respect to ambient pressure. They are RoHS
compliant and are designed and manufactured according to
ISO 9001 standards.
VALUE TO CUSTOMERS
• Media compatibility: Common HFC (hydrofluorocarbon)
refrigerants such as R410A and R134A, next generation low
global warming potential (GWP) refrigerants such as R448A
(Solstice® N40), R32 and R1234ZE, engine oil, petroleum-
based hydraulic fluids, DOT 3 brake fluid, and dry air. For
ammonia and other corrosive media, see Honeywell’s SPT
Series.
• Enhanced durability: The PX2 Series can operate in the
rigorous environments commonly found in HVAC/R and air
compressor applications. The sensor can survive at least 10
million pressure cycles and has an ingress protection rating
up to IP69K.
Datasheet
Heavy Duty Pressure Transducers
PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
50069942
Issue I


Số phần tương tự - PX2JS2XX007G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Honeywell Accelerometer...
PX2 HONEYWELL-ACC-PX2 Datasheet
2Mb / 17P
Heavy Duty Pressure Transducers
February 2014
PX2 HONEYWELL-ACC-PX2 Datasheet
1Mb / 14P
Heavy Duty Pressure Transducers
February 2015
logo
List of Unclassifed Man...
PX2300 ETC-PX2300 Datasheet
256Kb / 1P
WEt/WET DIFFERENTIAL PRESSURE Transducer UNI-DIRECTIONAL AND BI-DIRECTIONAL RANGES
PX2300-0.5BDI ETC-PX2300-0.5BDI Datasheet
256Kb / 1P
WEt/WET DIFFERENTIAL PRESSURE Transducer UNI-DIRECTIONAL AND BI-DIRECTIONAL RANGES
PX2300-100DI ETC-PX2300-100DI Datasheet
256Kb / 1P
WEt/WET DIFFERENTIAL PRESSURE Transducer UNI-DIRECTIONAL AND BI-DIRECTIONAL RANGES
More results

Mô tả tương tự - PX2JS2XX007G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Ralston Instruments.
DP0V-15PSIG-D RALSTON-DP0V-15PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi digital gauge
DP0V-15PSIG-M RALSTON-DP0V-15PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi analog gauge
DP0V-30PSIG-D RALSTON-DP0V-30PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 30 psi digital gauge
DP0V-100PSIG-D RALSTON-DP0V-100PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 100 psi digital gauge
DP0V-100PSIG-M RALSTON-DP0V-100PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 100 psi analog gauge
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
logo
Honeywell Solid State E...
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com