công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP101ALF-DS-R03 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện IP101ALF-DS-R03
Giải thích chi tiết về linh kiện  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R03 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R03 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101ALF-DS-R03 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
IP101A LF
Data Sheet
6/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
1
Pin Descriptions
Type
Description
LI
Latched Input in power up or reset
I/O
Bi-directional input and output
I
Input
O
Output
Type
Description
PD
Internal Pull-Down
PU
Internal Pull-Up
P
Power
OD
Open Drain
Pin no.
Label
Type
Description
MII and PCS Interface - Management Interface Pins
25
MDC
I
Management Data Interface Clock:
This pin provides a clock
reference to MDIO. The clock rate can be up to 10MHz.
26
MDIO
I/O
Management Data interface Input/Output:
The function of this
pin is to transfer management information between PHY and
MAC.
MII and PCS Interface – Media Independent Interface (MII) Pins
2
TX_EN
I
(PD)
Transmit Enable:
This pin is an active high input. At high status,
it indicates the nibble data in TXD[3:0] is valid.
7
TX_CLK
O
Transmit Clock:
This pin provides a continuous 25MHz clock at
100BT and 2.5Mbps at 10BT as timing reference for TXD[3:0]
and TX_EN when the chip operates under MII.
3, 4, 5, 6
TXD[3:0]
I
Transmit Data:
When TX_EN is set high, MAC will transmit data
through these 4 lines to PHY which the transmission is
synchronizing with TX_CLK.
22
RX_DV
O
Receive Data Valid:
At high status stands for data flow is
present within RXD[0:3] lines and low means no data exchange
occurred.
16
RX_CLK
O
Receive Clock:
This pin provides 25MHz for 100BT or 2.5Mhz
for 10BT and RX_DV pin uses this pin as its reference under MII.
18, 19,
20, 21
RXD[3:0]
O
Receive Data:
These 4 data lines are transmission path for PHY
to send data to MAC and they are synchronizing with RX_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36