| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5GC bảng dữ liệu(PDF) 4 Page - Bivar, Inc. |
|
|
|||||||||||||||||||||||||||||
5GC bảng dữ liệu(HTML) 4 Page - Bivar, Inc. |
|
4 / 4 page ![]() Max. Rating If (m A) Iv (m cd) MAX TYP MAX TYP PM5BWDL 430 BLUE DIFFUSED 7 3.8 4.2 4 45 5BWDL PM5PGDL 555 PURE GREEN DIFFUSED 7 2.1 2.6 1 45 5PGDL PM5GDL 568 GREEN DIFFUSED 7 2.1 2.6 5 45 5GDL PM5YDL 590 YELLOW DIFFUSED 7 2.0 2.6 4 45 5YDL PM5ADL 605 AMBER DIFFUSED 7 2.0 2.6 4 45 5ADL PM5HDL 625 HE RED DIFFUSED 7 2.0 2.6 5 45 5HDL PM5SRDL 645 SUPER RED DIFFUSED 7 1.7 2.3 6 45 5SRDL LED P/N Vf (V) LED Assy. No. Peak Wave Length λp(nm ) Em itted Color Lens Appearance View ing Angle 2 ½ (Deg) Electro-Optical Data @ 2m A lf (mA) lv (mcd) MAX TYP MAX TYP PM5BWD5V 430 BLUE DIFFUSED ‐‐ 515 40 5BWD5V PM5GC5V 568 GREEN WATER CLEAR ‐‐ 540 40 5GC5V PM5GD5V 568 GREEN DIFFUSED ‐‐ 525 40 5GD5V PM5GT5V 568 GREEN TINTED ‐‐ 540 40 5GT5V PM5AD5V 605 AMBER DIFFUSED ‐‐ 525 40 5AD5V PM5HD5V 625 HE RED DIFFUSED ‐‐ 530 40 5HD5V PM5RD5V 700 RED DIFFUSED 5 1.5 40 5RD5V PM5YD5V 590 YELLOW DIFFUSED ‐‐ 525 40 5YD5V PM5GC12V 568 GREEN WATER CLEAR ‐‐ 12 40 35 5GC12V PM5GD12V 568 GREEN DIFFUSED ‐‐ 12 25 40 5GD12V PM5HC12V 625 HE RED WATER CLEAR ‐‐ 12 50 35 5HC12V PM5HD12V 625 HE RED DIFFUSED ‐‐ 12 30 40 5HD12V PM5RC12V 700 RED WATER CLEAR ‐‐ 12 2 35 5RC12V PM5RD12V 700 RED DIFFUSED ‐‐ 12 1.5 40 5RD12V PM5YC12V 590 YELLOW WATER CLEAR ‐‐ 12 25 35 5YC12V PM5YD12V 590 YELLOW DIFFUSED ‐‐ 12 20 40 5YD12V 12 Volt Data @ 12V Viewing Angle 2 θ 1/2 (Deg) LED P/N Vf (V) 5 Volt Data @ 5V Assembly P/N Peak Wave Length λp(nm) Emitted Color Lens Appearance Electro‐Optical Data |