công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4098 bảng dữ liệu(PDF) 2 Page - Adafruit Industries

tên linh kiện 4098
Giải thích chi tiết về linh kiện  Adafruit 2.7" Tri-Color eInk / ePaper Display with SRAM - Red Black White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADAFRUIT [Adafruit Industries]
Trang chủ  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4098 bảng dữ liệu(HTML) 2 Page - Adafruit Industries

  4098 Datasheet HTML 1Page - Adafruit Industries 4098 Datasheet HTML 2Page - Adafruit Industries 4098 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This breakout has a 2.7" tri-color (red, black, and white) display. It has 264x176
black and red ink pixels and a white-ish background. Using our CircuitPython or
Arduino libraries, you can create a 'frame buffer' with what pixels you want to
have activated and then write that out to the display. Most simple breakouts
leave it at that. But if you do the math, 264 x 176 pixels x 2 colors = 11.5
KBytes. Which won't fit into many microcontroller memories. Heck, even if you
do have 32KB of RAM, why waste 12KB?
So we did you a favor and tossed a small SRAM chip on the back. This chip
shares the SPI port the eInk display uses, so you only need one extra pin. And,
no more frame-buffering! You can use the SRAM to set up whatever you want to
display, then shuffle data from SRAM to eInk when you're ready. The library we
wrote does all the work for you, you can just interface with it as if it were an
Adafruit_GFX compatible display.
For ultra-low power usages, the onboard 3.3V regulator has the Enable pin
brought out so you can shut down the power to the SRAM, MicroSD and display.
We even tossed on a MicroSD socket so you can store images, text files,
whatever you like to display. Everything is 3 or 5V logic safe so you can use it
with any and all microcontrollers.
Comes assembled and tested, with some header. You'll need a soldering iron to
attach the header for breadboarding or installing into your project.
TECHNICAL DETAILS
Product Dimensions: 72.5mm x 56.7mm x 5.3mm / 2.9" x 2.2" x 0.2"
Product Weight: 22.5g / 0.8oz



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com