| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP103CYFFT bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP103CYFFT bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 30 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TMP103AYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TA TMP103AYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TA TMP103AYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TA TMP103BYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TB TMP103BYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TB TMP103BYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TB TMP103CYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TC TMP103CYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TC TMP103CYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TC TMP103DYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TD TMP103DYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TD TMP103DYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TD TMP103EYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TE TMP103EYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TE TMP103EYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TE TMP103FYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TF TMP103FYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TF TMP103FYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TF TMP103GYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TG TMP103GYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TG TMP103GYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TG TMP103HYFFR Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TH TMP103HYFFR.B Active Production DSBGA (YFF) | 4 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 TH TMP103HYFFT Obsolete Production DSBGA (YFF) | 4 - - Call TI Call TI -40 to 125 TH (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 1 |