| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP302BDRLR bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP302BDRLR bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 20 page ![]() TMP302 TRIPSET0 TRIPSET1 HYSTSET GND VS OUT 0.1 µF OUTPUT VS 1.4 V to 3.6 V 10 k 9 TMP302 www.ti.com SBOS488E – JUNE 2009 – REVISED DECEMBER 2018 Product Folder Links: TMP302 Submit Documentation Feedback Copyright © 2009–2018, Texas Instruments Incorporated 8 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 8.1 Application Information 8.1.1 Configuring the TMP302 The TMP302 family of devices is simple to configure. The only external components that the device requires are a bypass capacitor and pullup resistor. Power-supply bypassing is strongly recommended. Use a 0.1-µF capacitor placed as close as possible to the supply pin. To minimize the internal power dissipation of the TMP302 family of devices, use a pullup resistor value greater than 10 kΩ from the OUT pin to the VS pin. Refer to Table 1 for trip-point temperature configuration. The TRIPSET pins can be toggled dynamically; however, the voltage of these pins must not exceed VS. To ensure a proper logic high, the voltage must not drop below 0.7 V × VS. 8.2 Typical Application Figure 10 shows the typical circuit configuration for the TMP302 family of devices. The TMP302 family of devices is configured for the default temperature threshold by connecting the TRIPSET0 and TRIPSET1 pins directly to ground. Connecting the HYSTSET pin to ground configures the device for 5°C of hysteresis. Place a 10-kΩ pullup resistor between the OUT and VS pins. Place a 0.1-µF bypass capacitor between the VS pin and ground, close to the TMP302 device. Figure 10. TMP302 Typical Application Schematic Figure 11 shows the most generic implementation of the TMP302 family of devices. Switches are shown connecting the TMPSET0, TMPSET1 and HYSTSET pins to either VS or ground. The use of switches is not strictly required; the switches are shown only to illustrate the various pin connection combinations. In practice, connecting the TMPSET0, TMPSET1 and HYSTSET pins to ground or directly to the VS pin is sufficient and minimizes space and cost. If additional flexibility is desired, connections from the TMPSET0, TMPSET1 and HYSTSET pins can be made through 0-Ω resistors which can be either populated or not populated depending upon the desired connection. |