công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV62565DBVT bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện TLV62565DBVT
Giải thích chi tiết về linh kiện  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62565DBVT bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments TLV62565DBVT Datasheet HTML 10Page - Texas Instruments TLV62565DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Current Limit
Detect
Control Logic
Soft
start
Thermal
Shutdown
UVLO
GM
Gate Drive
VIN
GND
FB
Vref
EN
SW
+
_
DBG
DBG
PMOS
NMOS
Valley
Current
Detect
Pulse
Modulator
Duty Detect
SW
Copyright © 2016, Texas Instruments Incorporated
7
TLV62565, TLV62566
www.ti.com
SLVSBC1D – OCTOBER 2013 – REVISED OCTOBER 2016
Product Folder Links: TLV62565 TLV62566
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TLV62565/6 device family includes two high-efficiency synchronous step-down converters. Each device
operates with an adaptive on-time control scheme, which is able to dynamically adjust the on-time duration
based on the input voltage and output voltage so that it can achieve relative constant frequency operation. The
device operates at typically 1.5-MHz frequency pulse width modulation (PWM) at moderate to heavy load
currents. Based on the VIN/VOUT ratio, a simple circuit sets the required on time for the high-side MOSFET. It
makes the switching frequency relatively constant regardless of the variation of input voltage, output voltage, and
load current. At the beginning of each switching cycle, the high-side switch is turned on and the inductor current
ramps up to a peak current that is defined by on time and inductance. In the second phase, once the on time
expires, the high-side switch is turned off while the low-side switch is turned on. The current through the inductor
then decays until triggering the valley current level determined by the output of the error amplifier. Once this
occurs, the on timer is set to turn the high-side switch back on again and the cycle is repeated.
The TLV62565/6 device family offers excellent load transient response with a unique fast response constant on-
time valley current mode. The switching frequency changes during load transition so that the output voltage
comes back in regulation faster than a traditional fixed PWM control scheme. Internal loop compensation is
integrated which simplifies the design process while minimizing the number of external components. At light load
currents the device automatically operates in Power Save Mode with pulse frequency modulation (PFM).
9.2 Functional Block Diagrams
Figure 4. TLV62565 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com