công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KRL2012E-C-R005-F-T1 bảng dữ liệu(PDF) 1 Page - Susumu Co., Ltd.

tên linh kiện KRL2012E-C-R005-F-T1
Giải thích chi tiết về linh kiện  Metal foil low resistance chip resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUSUMU [Susumu Co., Ltd.]
Trang chủ  www.susumu.co.jp
Logo SUSUMU - Susumu Co., Ltd.

KRL2012E-C-R005-F-T1 bảng dữ liệu(HTML) 1 Page - Susumu Co., Ltd.

  KRL2012E-C-R005-F-T1 Datasheet HTML 1Page - Susumu Co., Ltd. KRL2012E-C-R005-F-T1 Datasheet HTML 2Page - Susumu Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature characteristics type:
C (high operating temperature), M (low EMF)
◆Part numbering system
◆Electrical Specification
KRL 2012E - C - R010 - F - T1
Packaging quantity:
T1(1,000pcs), T5(5,000pcs)
Resistance tolerance
Series code
Size: KRL1608, KRL2012, KRL3216, KRL5025
KRL6432, KRL7638, KRL9045, KRL11050
KRL15075
Nominal resistance value
Terminal type: D (bottom terminal), E (wrap around terminal)
KRL1608
KRL2012
KRL3216
KRL5025
KRL6432
KRL7638
KRL9045
KRL11050
KRL15075
Resistance range(Ω) Resistance tolerance Resistance
value series
-55℃ ~ 155℃
T1
T5
T5
T1
-55℃ ~ 175℃
Operating temperature
±1% (F)
C
M
Type
Power
ratings
Packaging
quantity
0.5W
1W
1.5W
2W
3W
4W
5W
6W
10W
±50
±100
±50
±100
±150
±50
±100
±150
±50
±100
±150
±50
±100
±150
±50
±100
±150
±50
±100
±150
±50
±100
±150
±50
±100
±150
10m≦R≦100m
ー
3m≦R≦9m
(1m step)
10m≦R≦500m
ー
ー
3m≦R≦9m
(1m step)
10m≦R≦500m
ー
ー
3m≦R≦9m
(1m step)
10m≦R≦500m
ー
ー
3m≦R≦9m
(1m step)
10m≦R≦500m
ー
ー
3m≦R≦9m
(1m step)
10m≦R≦500m
ー
ー
3m≦R≦9m
(1m step)
10m≦R≦500m
ー
ー
3m≦R≦9m
(1m step)
10m≦R≦500m
ー
ー
10m≦R≦500m
3m≦R≦9m
(1m step)
ー
ー
5m≦R≦9m
ー
R=2m
ー
ー
R=2m
ー
ー
R=2m
ー
ー
R=2m
ー
ー
R=2m
ー
ー
R=2m
ー
ー
R=2m
ー
ー
R=2m
ー
ー
ー
ー
ー
R=1m
ー
ー
R=1m
ー
ー
R=1m
ー
ー
R=1m
ー
ー
R=1m
ー
ー
R=1m
ー
ー
R=1m
ー
R=1m
ー
±2% (G)
±5% (J)
(ppm/°C)
Temperature
coefficient
of resistance
E-6
*2
*1
*1
*2
We can meet your requirement of less than 1mΩ. Please contact our sales office.
We can meet your requirement of resistance value outside of E-6 series. Please contact our sales office.
AEC-Q200 Compliant
Metal foil low resistance chip resistors
(long-side terminal)
■KRL series
・
・
・
・
・
・
・
・
High current sensing long side terminal low resistance chip resistor
Two types available: high temperature (operating temperature up to 175°C), low emf
type (operating temperature up to 155°C)
High current handling capability and wide range of power ratings
Size: 1608 ~ 15075, power ratings: 0.5W ~ 10W, resistance value range: 1m ~ 500mΩ
Face down construction. Choice between bottom only or wrap around terminal.
Automotive electronics
Power source devises, ACDC converters, DCDC converters
Motors, inverters, office automation equipment
Applications
Features
51


Số phần tương tự - KRL2012E-C-R005-F-T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400008 THINKING-KRL2400008 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400012 THINKING-KRL2400012 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400016 THINKING-KRL2400016 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
KRL2400025 THINKING-KRL2400025 Datasheet
172Kb / 5P
KRL240 Radial Leaded Type 240V
More results

Mô tả tương tự - KRL2012E-C-R005-F-T1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Welwyn Components Limit...
LOB WELWYN-LOB Datasheet
130Kb / 2P
Low Resistance Metal Element Resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
metal plate chip type low resistance resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
Low Resistance Chip Resistors
RUG-Z ETC-RUG-Z Datasheet
1Mb / 2P
HIGH PRECISION METAL FOIL RESISTORS
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
metal plate chip type low resistance resistors
logo
NIC-Components Corp.
NCLS NIC-NCLS Datasheet
276Kb / 6P
Metal Foil Current Sensing Chip Resistors
logo
TT Electronics.
LOB3R015FLF TTELEC-LOB3R015FLF Datasheet
1Mb / 3P
Low Resistance Metal Element Resistors
logo
Ohmite Mfg. Co.
FC4T OHMITE-FC4T Datasheet
416Kb / 2P
Metal Foil Low Value Chip
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com