| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC5602C bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5602C bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 16 page ![]() TLC5602C, TLC5602M VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS SLAS023D – FEBRUARY 1989 – REVISED JANUARY 2002 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 AVAILABLE OPTIONS PACKAGE TA WIDE-BODY SMALL OUTLINE (DW) CERAMIC CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) 0 °C to 70°C TLC5602CDW TLC5602CN – 55 °C to 125°C TLC5602MFK TLC5602MJ functional block diagram Buffer Driver With Register Current Switches With Register Decode COMP REF CLK D7 – D0 A OUT 8 8 3 63 I x 4 I x 1 FUNCTION TABLE STEP DIGITAL INPUTS OUTPUT STEP D7 D6 D5 D4 D3 D2 D1 D0 VOLTAGE† 0 L L L L L L L L 3.980 V 1 L L L L L L L H 3.984 V | || 127 L H H H H H H H 4.488 V 128 H L L L L L L L 4.492 V 129 H L L L L L L H 4.496 V | || 254 H H H H H H H L 4.996 V 255 H H H H H H H H 5.000 V † VDD = 5 V and Vref = 4.02 V |