| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PX0911/02/P bảng dữ liệu(PDF) 1 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PX0911/02/P bảng dữ liệu(HTML) 1 Page - Bulgin Limited. All rights reserved. |
|
1 / 6 page ![]() Buccaneer for Power 14 IP68, EN60529:2001 tested @ 1.054kg/sq.cm. (15lb/sq.in.) 10m depth for 2 weeks EXP-0911 - EXP-0921 13 - 15mm O/D standard, 7-13mm with gland pack EXP-A911 - EXP-A921 20 - 22mm O/D standard, 14 - 20mm with gland pack 2-7 pole - 2.5 to 4mm2 (13 to10AWG) conductor, single or multi stranded 10 pole - 0.75 to 2mm2 (14 to 18AWG) conductor, single or multi stranded Axial screw terminals 22mm dia, 150N 15mm dia, 150N 7mm dia, 80N 3.16Nm (28lbf/in) 3.16Nm (28lbf/in) 3.16Nm (28lbf/in) 3.16Nm (28lbf/in) 3.16Nm (28lbf/in) 3.16Nm (28lbf/in) 3.16Nm (28lbf/in) 3.16Nm (28lbf/in) 2.25 Nm 0.9 Nm M36 x 2-6g BUCCANEER FOR POWER 900 Series Buccaneer IP68 rating tested at 1.054kg/sq cm (15lb/sq in) 10m depth for 2 weeks 32A, 600V ac/dc rating 2, 3, 4, 5, 7 and 10 pole Plug or socket connection in each body style Water and dustproof to IP68 when mated ‘Scoop proof’ contacts Field termination - screw terminations Positive locating keyways - cannot be mis-connected Sealing caps available to maintain IP68 rating of unmated connectors Leading earth contact for 3, 4, 5 and 7 pole versions EN60068-2-52 Test Kb Salt Mist (Cyclic) Marine Severity Level 1 Trailing Neutral on 5 pole Compact design Easy assembly - no special tools required Single or 3 phase applications Bulkhead moulding available for use with flange mounting body for 45° or 90° mounting (order each separately) Cost effective solution Cable accomodation 7-22mm O/D Two cable connector versions for 15mm and 22mm (maximum) cable diameters Separate strain relief on large cable version CCC, UL, CSA and VDE approvals |
Số phần tương tự - PX0911/02/P |
|
Mô tả tương tự - PX0911/02/P |