| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF1503-I/SL. bảng dữ liệu(PDF) 164 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF1503-I/SL. bảng dữ liệu(HTML) 164 Page - Microchip Technology |
|
164 / 352 page ![]() PIC16(L)F1503 DS40001607D-page 164 2011-2015 Microchip Technology Inc. FIGURE 21-9: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 21-10: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt CKE = 0) CKE = 0) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Optional bit 0 detection active Write Collision Valid SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 bit 0 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt CKE = 1) CKE = 1) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Not Optional Write Collision detection active Valid |