| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LF1503-I/SL. bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF1503-I/SL. bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 352 page ![]() 2011-2015 Microchip Technology Inc. DS40001607D-page 7 PIC16(L)F1503 1.0 DEVICE OVERVIEW The block diagram of these devices are shown in Figure 1-1, the available peripherals are shown in Table 1-1, and the pinout descriptions are shown in Table 1-2. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral Analog-to-Digital Converter (ADC) ●● ● ● ● Complementary Wave Generator (CWG) ●● ● ● ● Digital-to-Analog Converter (DAC) ●● ● ● Enhanced Universal Synchronous/Asynchronous Receiver/ Transmitter (EUSART) ● ● Fixed Voltage Reference (FVR) ●● ● ● ● Numerically Controlled Oscillator (NCO) ●● ● ● ● Temperature Indicator ●● ● ● ● Comparators C1 ●● ● ● C2 ● ● ● Configurable Logic Cell (CLC) CLC1 ●● ● ● ● CLC2 ●● ● ● ● CLC3 ● ● CLC4 ● ● Master Synchronous Serial Ports MSSP1 ● ● ● PWM Modules PWM1 ●● ● ● ● PWM2 ●● ● ● ● PWM3 ●● ● ● ● PWM4 ●● ● ● ● Timers Timer0 ●● ● ● ● Timer1 ●● ● ● ● Timer2 ●● ● ● ● |