công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF1503-I/SL. bảng dữ liệu(PDF) 151 Page - Microchip Technology

tên linh kiện PIC16LF1503-I/SL.
Giải thích chi tiết về linh kiện  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. bảng dữ liệu(HTML) 151 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 147Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 148Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 149Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 150Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 151Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 152Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 153Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 154Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 151
PIC16(L)F1503
20.0
TIMER2 MODULE
The Timer2 module incorporates the following features:
• 8-bit Timer and Period registers (TMR2 and PR2,
respectively)
• Readable and writable (both registers)
• Software programmable prescaler (1:1, 1:4, 1:16,
and 1:64)
• Software programmable postscaler (1:1 to 1:16)
• Interrupt on TMR2 match with PR2
See Figure 20-1 for a block diagram of Timer2.
FIGURE 20-1:
TIMER2 BLOCK DIAGRAM
FIGURE 20-2:
TIMER2 TIMING DIAGRAM
Prescaler
1:1, 1:4, 1:16, 1:64
Fosc/4
2
T2CKPS<1:0>
Comparator
Postscaler
1:1 to 1:16
4
T2OUTPS<3:0>
set bit
TMR2IF
TMR2
R
PR2
T2_match
To Peripherals
Rev. 10-000019A
7/30/2013
0x03
0x00
0x01
0x02
0x03
0x00
0x01
0x02
1:4
Pulse Width
(1)
Note 1: The Pulse Width of T2_match is equal to the scaled input of TMR2.
FOSC/4
Prescale
PR2
TMR2
T2_match
Rev. 10-000020A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More