công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF1503-I/SL. bảng dữ liệu(PDF) 136 Page - Microchip Technology

tên linh kiện PIC16LF1503-I/SL.
Giải thích chi tiết về linh kiện  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. bảng dữ liệu(HTML) 136 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 132Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 133Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 134Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 135Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 136Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 137Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 138Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 139Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 136
 2011-2015 Microchip Technology Inc.
TABLE 17-3:
SUMMARY OF REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
99
ANSELC
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
103
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
134
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
134
CM1CON1
C1NTP
C1INTN
C1PCH<1:0>
—
C1NCH<2:0>
135
CM2CON1
C2NTP
C2INTN
C2PCH<1:0>
—
C2NCH<2:0>
135
CMOUT
—
—
—
—
—
—
MC2OUT
MC1OUT
135
DAC1CON0
DACEN
—
DACOE1
DACOE2
—DACPSS
—
—
129
DAC1CON1
—
—
—
DACR<4:0>
129
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR<1:0>
ADFVR<1:0>
110
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
64
PIE2
—
C2IE
C1IE
—
BCL1IE
NCO1IE
—
—
66
PIR2
—C2IF
C1IF
—
BCL1IF
NCO1IF
—
—
69
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
98
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
102
LATA
—
—
LATA5
LATA4
—
LATA2
LATA1
LATA0
99
LATC
—
—
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
102
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
98
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
102
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are unused by the comparator module.
Note
1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More