công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF1503-I/SL. bảng dữ liệu(PDF) 189 Page - Microchip Technology

tên linh kiện PIC16LF1503-I/SL.
Giải thích chi tiết về linh kiện  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. bảng dữ liệu(HTML) 189 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 185Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 186Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 187Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 188Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 189Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 190Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 191Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 192Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 189
PIC16(L)F1503
21.6.5
I2
C MASTER MODE REPEATED
START CONDITION TIMING
A Repeated Start condition (Figure 21-27) occurs when
the RSEN bit of the SSPxCON2 register is pro-
grammed high and the master state machine is no lon-
ger active. When the RSEN bit is set, the SCLx pin is
asserted low. When the SCLx pin is sampled low, the
Baud Rate Generator is loaded and begins counting.
The SDAx pin is released (brought high) for one Baud
Rate Generator count (TBRG). When the Baud Rate
Generator times out, if SDAx is sampled high, the SCLx
pin will be deasserted (brought high). When SCLx is
sampled high, the Baud Rate Generator is reloaded
and begins counting. SDAx and SCLx must be sam-
pled high for one TBRG. This action is then followed by
assertion of the SDAx pin (SDAx = 0) for one TBRG
while SCLx is high. SCLx is asserted low. Following
this, the RSEN bit of the SSPxCON2 register will be
automatically cleared and the Baud Rate Generator will
not be reloaded, leaving the SDAx pin held low. As
soon as a Start condition is detected on the SDAx and
SCLx pins, the S bit of the SSPxSTAT register will be
set. The SSPxIF bit will not be set until the Baud Rate
Generator has timed out.
FIGURE 21-27:
REPEAT START CONDITION WAVEFORM
Note 1:
If RSEN is programmed while any other
event is in progress, it will not take effect.
2:
A bus collision during the Repeated Start
condition occurs if:
• SDAx is sampled low when SCLx
goes from low-to-high.
• SCLx goes low before SDAx is
asserted low. This may indicate
that another master is attempting to
transmit a data ‘1’.
SDAx
SCLx
Repeated Start
Write to SSPxCON2
Write to SSPxBUF occurs here
At completion of Start bit,
hardware clears RSEN bit
1st bit
S bit set by hardware
TBRG
TBRG
SDAx = 1,
SDAx = 1,
SCLx (no change)
SCLx = 1
occurs here
TBRG
TBRG
TBRG
and sets SSPxIF
Sr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com