| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1507-E/SS. bảng dữ liệu(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1507-E/SS. bảng dữ liệu(HTML) 91 Page - Microchip Technology |
|
91 / 278 page ![]() 2011-2015 Microchip Technology Inc. DS40001586D-page 91 PIC16(L)F1507 10.5 Write Verify It is considered good programming practice to verify that program memory writes agree with the intended value. Since program memory is stored as a full page then the stored program memory contents are compared with the intended data stored in RAM after the last write is complete. FIGURE 10-8: FLASH PROGRAM MEMORY VERIFY FLOWCHART Start Verify Operation This routine assumes that the last row of data written was from an image saved on RAM. This image will be used to verify the data currently stored in Flash Program Memory Fail Verify Operation Last word ? PMDAT = RAM image ? Read Operation (See Note 1) End Verify Operation No No Yes Yes Rev. 10-000051A 7/30/2013 Note 1: See Figure 10-2. |