| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1507-E/SS. bảng dữ liệu(PDF) 204 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1507-E/SS. bảng dữ liệu(HTML) 204 Page - Microchip Technology |
|
204 / 278 page ![]() PIC16(L)F1507 DS40001586D-page 204 2011-2015 Microchip Technology Inc. SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 f 127 d [0,1] Operation: (f<3:0>) (destination<7:4>), (f<7:4>) (destination<3:0>) Status Affected: None Description: The upper and lower nibbles of regis- ter ‘f’ are exchanged. If ‘d’ is ‘0’, the result is placed in the W register. If ‘d’ is ‘1’, the result is placed in register ‘f’. TRIS Load TRIS Register with W Syntax: [ label ] TRIS f Operands: 5 f 7 Operation: (W) TRIS register ‘f’ Status Affected: None Description: Move data from W register to TRIS register. When ‘f’ = 5, TRISA is loaded. When ‘f’ = 6, TRISB is loaded. When ‘f’ = 7, TRISC is loaded. XORLW Exclusive OR literal with W Syntax: [ label ] XORLW k Operands: 0 k 255 Operation: (W) .XOR. k W) Status Affected: Z Description: The contents of the W register are XOR’ed with the 8-bit literal ‘k’. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label ] XORWF f,d Operands: 0 f 127 d [0,1] Operation: (W) .XOR. (f) destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in regis- ter ‘f’. |