công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1503-E/ST bảng dữ liệu(PDF) 83 Page - Microchip Technology

tên linh kiện PIC16F1503-E/ST
Giải thích chi tiết về linh kiện  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503-E/ST bảng dữ liệu(HTML) 83 Page - Microchip Technology

Back Button PIC16F1503-E/ST Datasheet HTML 79Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 80Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 81Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 82Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 83Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 84Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 85Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 86Page - Microchip Technology PIC16F1503-E/ST Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 83
PIC16(L)F1503
10.2.3
ERASING FLASH PROGRAM
MEMORY
While executing code, program memory can only be
erased by rows. To erase a row:
1.
Load the PMADRH:PMADRL register pair with
any address within the row to be erased.
2.
Clear the CFGS bit of the PMCON1 register.
3.
Set the FREE and WREN bits of the PMCON1
register.
4.
Write 55h, then AAh, to PMCON2 (Flash
programming unlock sequence).
5.
Set control bit WR of the PMCON1 register to
begin the erase operation.
See Example 10-2.
After the “BSF PMCON1,WR” instruction, the processor
requires two cycles to set up the erase operation. The
user must place two NOP instructions immediately
following the WR bit set instruction. The processor will
halt internal operations for the typical 2 ms erase time.
This is not Sleep mode as the clocks and peripherals
will continue to run. After the erase cycle, the processor
will resume operation with the third instruction after the
PMCON1 write instruction.
FIGURE 10-4:
FLASH PROGRAM
MEMORY ERASE
FLOWCHART
Start
Erase Operation
End
Erase Operation
Disable Interrupts
(GIE =
0)
Select
Program or Configuration Memory
(CFGS)
Select Erase Operation
(FREE =
1)
Select Row Address
(PMADRH:PMADRL)
Enable Write/Erase Operation
(WREN =
1)
Unlock Sequence
(See Note 1)
Re-enable Interrupts
(GIE =
1)
Disable Write/Erase Operation
(WREN =
0)
CPU stalls while
Erase operation completes
(2 ms typical)
Rev. 10-000048A
7/30/2013
Note 1:
See Figure 10-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com