công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F753-I/ML bảng dữ liệu(PDF) 41 Page - Microchip Technology

tên linh kiện PIC16F753-I/ML
Giải thích chi tiết về linh kiện  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML bảng dữ liệu(HTML) 41 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 37Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 38Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 39Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 40Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 41Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 42Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 43Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 44Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 41
PIC16F753/HV753
5.3
PORTA and TRISA Registers
PORTA is a 6-bit wide port with five bidirectional and one
input-only pin. The corresponding data direction register
is TRISA (Register 5-2). Setting a TRISA bit (= 1) will
make the corresponding PORTA pin an input (i.e.,
disable the output driver). Clearing a TRISA bit (= 0) will
make the corresponding PORTA pin an output (i.e.,
enables output driver and puts the contents of the output
latch on the selected pin). The exception is RA3, which
is input-only and its TRIS bit will always read as ‘1’.
Example 5-1 shows how to initialize PORTA.
Reading the PORTA register (Register 5-2) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch. RA3 reads ‘0’ when
MCLRE = 1.
The TRISA register controls the direction of the
PORTA pins, even when they are being used as analog
inputs. The user must ensure the bits in the TRISA
register are maintained set when using them as analog
inputs. I/O pins configured as analog input always read
‘0’.
5.3.1
PORTA FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTA pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are shown in Table 5-1.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the highest priority.
Analog input functions, such as comparator inputs, are
not shown in the priority lists. These inputs are active
when the peripheral is enabled and the input multiplexer
for the pin is selected. The Analog mode, set with the
ANSELA register, disables the digital input buffer
thereby preventing excessive input current when the
analog input voltage is between logic states. Digital
output functions may control the pin when it is in Analog
mode with the priority shown in Table 5-1.
Note:
The ANSEL register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’ and cannot generate an interrupt.
TABLE 5-1:
PORTA OUTPUT PRIORITY
Pin Name
Function Priority
RA0
ICSPDAT
FVROUT
DACOUT
C1IN0+
RA0
RA1
FVRIN
ICSPCLK
VREF+
C1IN0-
C2IN0-
RA1
RA2
COG1FLT
T0CKI
C1OUT
INT
RA2
RA3
MCLR
VPP
T1G
RA3
RA4
CLKOUT
T1G
RA4
RA5
CLKIN
T1CKI
RA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com