| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12LF1501 bảng dữ liệu(PDF) 221 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12LF1501 bảng dữ liệu(HTML) 221 Page - Microchip Technology |
|
221 / 352 page ![]() 2011-2015 Microchip Technology Inc. DS40001607D-page 221 PIC16(L)F1503 REGISTER 23-2: CLCxPOL: SIGNAL POLARITY CONTROL REGISTER R/W-0/0 U-0 U-0 U-0 R/W-x/u R/W-x/u R/W-x/u R/W-x/u LCxPOL — — — LCxG4POL LCxG3POL LCxG2POL LCxG1POL bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7 LCxPOL: LCOUT Polarity Control bit 1 = The output of the logic cell is inverted 0 = The output of the logic cell is not inverted bit 6-4 Unimplemented: Read as ‘0’ bit 3 LCxG4POL: Gate 4 Output Polarity Control bit 1 = The output of gate 4 is inverted when applied to the logic cell 0 = The output of gate 4 is not inverted bit 2 LCxG3POL: Gate 3 Output Polarity Control bit 1 = The output of gate 3 is inverted when applied to the logic cell 0 = The output of gate 3 is not inverted bit 1 LCxG2POL: Gate 2 Output Polarity Control bit 1 = The output of gate 2 is inverted when applied to the logic cell 0 = The output of gate 2 is not inverted bit 0 LCxG1POL: Gate 1 Output Polarity Control bit 1 = The output of gate 1 is inverted when applied to the logic cell 0 = The output of gate 1 is not inverted |