| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F752 bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F752 bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 230 page ![]() 2013-2015 Microchip Technology Inc. DS40001709C-page 3 PIC16F753/HV753 Pin Diagram – 16-Pin QFN TABLE 2: 14/16-PIN ALLOCATION TABLE FOR PIC16F753/HV753 RA0 13 12 AN0 FVROUT DACOUT — C1IN0+ — — IOC Y — ICSPDAT RA1 12 11 AN1 VREF+ FVRIN — C1IN0- C2IN0- — — IOC Y — ICSPCLK RA2 11 10 AN2 COG1FLT — C1OUT T0CKI — INT IOC Y — — RA3 4 3 — — — — T1G(2) — IOC Y — MCLR/ VPP RA4 3 2 AN3 — — — T1G(1) — IOC Y — CLKOUT RA5 2 1 — — — — T1CKI — IOC Y — CLKIN RC0 10 9 AN4 — OPA1IN+ C2IN0+ — — IOC — — — RC1 9 8 AN5 — OPA1IN- C1IN1- C2IN1- — — IOC — — — RC2 8 7 AN6 — OPA1OUT C1IN2- C2IN2- — — IOC — SLPCIN — RC3 7 6 AN7 — — C1IN3- C2IN3- — — IOC — — — RC4 6 5 — COG1OUT1 — C2OUT — — IOC — — — RC5 5 4 — COG1OUT0 — — — CCP1 IOC — — — VDD 1 16 — — — — — — — — — VDD VSS 14 13 — — — — — — — — — VSS Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register. 2: Alternate location for peripheral pin function selected by the APFCON register. Note: See Table 2 for location of all peripheral functions. 78 2 3 1 11 12 5 9 10 13 14 15 16 6 4 RA5 RA4 MCLR/VPP/RA3 RC0 RA0/ICSPDAT RA2 RA1/ICSPCLK RC5 PIC16F753/HV753 (4x4) |