| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFP264PBF bảng dữ liệu(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFP264PBF bảng dữ liệu(HTML) 7 Page - International Rectifier |
|
7 / 8 page ![]() IRFP264PbF www.irf.com 7 TO-247AC Package Outline Dimensions are shown in millimeters (inches) LEAD ASSIGNMENTS NOTES: - D - 5.30 (.209) 4.70 (.185) 2.50 (.089) 1.50 (.059) 4 3X 0.80 (.031) 0.40 (.016) 2.60 (.102) 2.20 (.087) 3.40 (.133) 3.00 (.118) 3X 0.25 (.010) M C A S 4.30 (.170) 3.70 (.145) - C - 2X 5.50 (.217) 4.50 (.177) 5.50 (.217) 0.25 (.010) 1.40 (.056) 1.00 (.039) 3.65 (.143) 3.55 (.140) D M M B - A - 15.90 (.626) 15.30 (.602) - B - 1 23 20.30 (.800) 19.70 (.775) 14.80 (.583) 14.20 (.559) 2.40 (.094) 2.00 (.079) 2X 2X 5.45 (.215) 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH. 3 CONFORMS TO JEDEC OUTLINE TO-247-AC. 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN LEAD ASSIGNMENTS Hexfet 1 - Gate 2 - Drain 3 - Source 4 - Drain IGBT 1 - Gate 2 - Collector 3 - Emitter 4 - Collector TO-247AC Part Marking Information EXAMPLE: ASSEMBLED ON WW 35, 2000 LOT CODE 5657 WITH ASSEMBLY THIS IS AN IRFPE30 IN THE AS SEMBLY LINE "H" 035H LOGO INTERNATIONAL RECTIFIER IRFPE30 LOT CODE ASSEMBLY 56 57 PART NUMBER DATE CODE YEAR 0 = 2000 WEEK 35 LINE H Note: "P" in assembly line position indicates "Lead-Free" Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.12/03 |