| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VCAS06AP243R3LAT bảng dữ liệu(PDF) 1 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
VCAS06AP243R3LAT bảng dữ liệu(HTML) 1 Page - AVX Corporation |
|
1 / 3 page ![]() 1 100419 GENERAL DESCRIPTION The AVX line of automotive MLVs represents state-of-the-art overvoltage circuit protection components for automotive applications. They offer bi-directional overvoltage protection as well as EMI/RFI attenuation in a single SMT package. This allows designers the ability to combine the circuit protection and EMI/ RFI attenuation function into a single highly reliable device. This AVX sample kit for automotive varistors contains selection of AEC-Q200 qualified components. COMPONENT LIST TransGuard® / Low Clamp TransGuard® Automotive Series Full range of solutions for bi-directional overvoltage protection as well as EMI/RFI attenuation in a single SMT package. High current and high energy handling capability make them well suited for protection against automotive related transients. PACKAGING Wallet, minimum ordering quantity 1pcs Contains 36 unique part numbers (5 or 10 pcs of samples per PN - 340 pcs total) HOW TO ORDER AVX-KIT-MLV-AUTO Multilayer Varistors Automotive Sample Kit AEC-Q200 Qualified components AVX-KIT-MLV-AUTO Multilayer Varistors Sample Kit – Automotive Applications MSL 1 Pd Free 260°C AVX PN Case V W (DC) V W (AC) V B V C I VC I L E T E LD I P Cap Freq V Jump P Diss. Max EIA Vdc Vac V V A μA J J A pF V W VCAS060305A150 0603 5.6 4.0 8.5±20% 18 1 35 0.1 - 30 750 K - 0.001 VCAS080505A150 0805 5.6 4.0 8.5±20% 18 1 35 0.1 - 40 1100 K - 0.001 VCAS080505C150 0805 5.6 4.0 8.5±20% 18 1 35 0.3 - 120 3000 K - 0.005 VCAS060309A200 0603 9 6.4 12.7±15% 22 1 25 0.1 - 30 550 K - 0.002 VLAS060316A350 0603 16 11 20.5±10% 35 1 10 0.1 - 50 400 K 20 0.003 VGAS181216P390 1812 16 11 24.5±10% 40 5 15 2.9 10 1000 7000 K 27.5 0.07 VGAS222016Y390 2220 16 11 24.5±10% 40 10 15 10.2 45 1500 20000 K 27.5 0.08 VCAS040218X400 0402 18 13 25.5±10% 42 1 10 0.05 0.05 20 65 M 27.5 0.001 VCAS060318A400 0603 18 13 25.5±10% 42 1 10 0.1 0.25 30 150 K 27.5 0.003 VCAS080518C400 0805 18 13 25.5±10% 42 1 10 0.3 1 120 550 K 27.5 0.007 VCAS120618D400 1206 18 13 25.5±10% 42 1 10 0.4 1.5 150 900 K 27.5 0.008 VCAS121018J390 1210 18 13 25.5±10% 42 5 10 1.6 3 500 3100 K 27.5 0.030 VCAS060326A580 0603 26 18 34.5±10% 60 1 10 0.1 0.1 30 155 K 27.5 0.002 VCAS080526C580 0805 26 18 34.5±10% 60 1 10 0.3 0.5 100 250 K 27.5 0.006 VCAS120626F540 1206 26 18 33.0±10% 54 1 15 0.7 1.5 200 600 K 27.5 0.008 VCAS121030H620 1210 30 21 41.0±10% 67 5 10 1.2 3 280 1850 K 30 0.018 VCAS120634N770 1206 34 30 47.0±10% 77 1 15 1.1 1.5 200 400 K 48 0.008 VGAS121034S770 1210 34 30 47.0±10% 77 2.5 15 2 3.0 400 1000 K 48 0.040 VGAS181234U770 1812 34 30 47.0±10% 77 5 15 5 6.1 800 1500 K 48 0.080 VCAS120642K900 1206 42 32 56±10% 90 1 15 0.6 200 260 K 48 0.012 AUTOMOTIVE SERIES MULTILAYER VARISTORS (AEC-Q200 QUALIFIED) AVX-KIT-MLV-AUTO SAMPLE KIT |
Số phần tương tự - VCAS06AP243R3LAT |
|
Mô tả tương tự - VCAS06AP243R3LAT |