công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC27L4CD bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện TLC27L4CD
Giải thích chi tiết về linh kiện  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27L4CD bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button TLC27L4CD Datasheet HTML 28Page - Texas Instruments TLC27L4CD Datasheet HTML 29Page - Texas Instruments TLC27L4CD Datasheet HTML 30Page - Texas Instruments TLC27L4CD Datasheet HTML 31Page - Texas Instruments TLC27L4CD Datasheet HTML 32Page - Texas Instruments TLC27L4CD Datasheet HTML 33Page - Texas Instruments TLC27L4CD Datasheet HTML 34Page - Texas Instruments TLC27L4CD Datasheet HTML 35Page - Texas Instruments TLC27L4CD Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise performance (continued)
VI
(a) NONINVERTING AMPLIFIER
(c) UNITY-GAIN AMPLIFIER
(b) INVERTING AMPLIFIER
VI
VI
VO
VO
VO
Figure 40. Guard-Ring Schemes
output characteristics
The output stage of the TLC27L4 and TLC27L9 is designed to sink and source relatively high amounts of current
(see typical characteristics). If the output is subjected to a short-circuit condition, this high current capability can
cause device damage under certain conditions. Output current capability increases with supply voltage.
All operating characteristics of the TLC27L4 and TLC27L9 were measured using a 20-pF load. The devices
drive higher capacitive loads; however, as output load capacitance increases, the resulting response pole
occurs at lower frequencies, thereby causing ringing, peaking, or even oscillation (see Figure 41). In many
cases, adding a small amount of resistance in series with the load capacitance alleviates the problem.
2.5 V
VO
CL
– 2.5 V
VI
(a) CL = 20 pF, RL = NO LOAD
(b) CL = 260 pF, RL = NO LOAD
(c) CL = 310 pF, RL = NO LOAD
(d) TEST CIRCUIT
TA = 25°C
f = 1 kHz
VIPP = 1 V
Figure 41. Effect of Capacitive Loads and Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com