| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
QMS2STH bảng dữ liệu(PDF) 2 Page - Qualwave Inc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
QMS2STH bảng dữ liệu(HTML) 2 Page - Qualwave Inc. All rights reserved. |
|
2 / 2 page ![]() Coaxial Switches Qualwave Inc. +86-28-6115-4929 sales@qualwave.com www.qualwave.com Rev 1.3 2 Pin Numbering Failsafe Pin Function Pin Function 1 VDC( RF: 0 to 2) 4~5 Indicator (1~2) 2 NC 6 Indicator (COM) 3 COM( RF: 0 to 2) 7~9 NC Failsafe&TTL Pin Function Pin Function 1 VDC( RF: 0 to 2) 4~5 Indicator (1~2) 2 A1( RF: 0 to 2) 6 Indicator (COM) 3 COM( RF: 0 to 2) 7~9 NC Latching Pin Function Pin Function 1 VDC( RF: 0 to 1) 4~5 Indicator (1~2) 2 VDC( RF: 0 to 2) 6 Indicator (COM) 3 COM 7~9 NC Latching&TTL Pin Function Pin Function 1 VDC 4 A2( RF: 0 to 2) 2 A1( RF: 0 to 1) 5~6 Indicator (1~2) 3 COM 7 Indicator (COM) Driving Schematic Diagram |