công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC372MDREP.A bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TLC372MDREP.A
Giải thích chi tiết về linh kiện  LinCMOS™ DUAL DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLC372MDREP.A bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TLC372MDREP.A Datasheet HTML 1Page - Texas Instruments TLC372MDREP.A Datasheet HTML 2Page - Texas Instruments TLC372MDREP.A Datasheet HTML 3Page - Texas Instruments TLC372MDREP.A Datasheet HTML 4Page - Texas Instruments TLC372MDREP.A Datasheet HTML 5Page - Texas Instruments TLC372MDREP.A Datasheet HTML 6Page - Texas Instruments TLC372MDREP.A Datasheet HTML 7Page - Texas Instruments TLC372MDREP.A Datasheet HTML 8Page - Texas Instruments TLC372MDREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
Recommended Operating Conditions
Electrical Characteristics
Switching Characteristics
TLC372-EP
LinCMOS™ DUAL DIFFERENTIAL COMPARATORS
SGLS385 – MARCH 2007
MIN
MAX
UNIT
VDD
Supply voltage
4
16
V
VDD = 5 V
0
3.5
VIC
Common-mode input voltage
V
VDD = 10 V
0
8.5
TA
Operating free-air temperature
–55
125
°C
at specified free-air temperature, V
DD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
25
°C
1
5
VIO
Input offset voltage
VIC = VICRmin(2)
mV
Full range
10
25
°C
1
pA
IIO
Input offset current
Max
10
nA
25
°C
5
pA
IIB
Input bias current
Max
20
nA
25
°C
0 to VDD– 1
VICR
Common-mode input voltage range
V
Full range
0 to VDD– 1.5
VOH = 5 V
25
°C
0.1
nA
IOH
High-level output current
VID = 1 V
VOH = 15 V
Full range
3
µA
25
°C
150
400
VOL
Low-level output voltage
VID = –1 V,
IOL = 4 mA
mV
Full range
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
25
°C
6
16
mA
25
°C
150
300
IDD
Supply current (two comparators)
VID = 1 V,
No load
µA
Full range
400
(1)
All characteristics are measured with zero common-mode input voltage unless otherwise noted. Full range is –55
°C to 125°C.
IMPORTANT: See Parameter Measurement Information.
(2)
The offset voltage limits given are the maximum values required to drive the output above 4 V or below 400 mV with a 10-k
Ω resistor
between the output and VDD. They can be verified by applying the limit value to the input and checking for the appropriate output state.
V
DD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
100-mV input step with 5-mV overdrive
650
RL connected to 5 V through
Response time
ns
5.1 k
Ω, C
L = 15 pF
(1) (2)
TTL-level input step
200
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com