| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC25L2CD bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC25L2CD bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TLC252ACD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 252AC TLC252ACD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 252AC TLC252BCP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC252BCP TLC252BCP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC252BCP TLC252CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 252C TLC252CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 252C TLC252CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 252C TLC252CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 252C TLC252CP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC252CP TLC252CP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC252CP TLC252CPE4 Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC252CP TLC252CPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P252 TLC252CPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P252 TLC25L2ACD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25L2AC TLC25L2ACD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25L2AC TLC25L2BCP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC25L2BC TLC25L2BCP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC25L2BC TLC25L2CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25L2C TLC25L2CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25L2C TLC25L2CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - 25L2C TLC25L2CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25L2C TLC25L2CP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type - TLC25L2CP TLC25L2CP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC25L2CP TLC25M2ACD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25M2AC TLC25M2ACD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25M2AC TLC25M2ACP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC25M2AC TLC25M2ACP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC25M2AC TLC25M2CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25M2C TLC25M2CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 25M2C Addendum-Page 1 |