| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XC6413 bảng dữ liệu(PDF) 19 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6413 bảng dữ liệu(HTML) 19 Page - Torex Semiconductor |
|
19 / 20 page ![]() 19/20 XC6413/XC6414 Series MARK PRODUCT SERIES 6 XC6413 xxxxxx 7 XC6414 xxxxxx MARK EN/CE FUNCTION EN / CE LOGIC PULL UP/DOWN RESISTANCE VD SENSE PIN VD OUTPUT LOGIC PRODUCT SERIES A Function High Active Pull-Down Function VIN Detect L XC6413/14xAxxxx B Function High Active Pull-Down Function VIN Detect H XC6413/14xBxxxx C Function High Active Pull-Down Function VROUT Detect L XC6413/14xCxxxx D Function High Active Pull-Down Function VROUT Detect H XC6413/14xDxxxx E Function High Active Nonfunctional VIN Detect L XC6413/14xExxxx F Function High Active Nonfunctional VIN Detect H XC6413/14xFxxxx H Function High Active Nonfunctional VROUT Detect L XC6413/14xHxxxx K Function High Active Nonfunctional VROUT Detect H XC6413/14xKxxxx L Function Low Active Pull-Up Function VIN Detect L XC6413/14xLxxxx M Function Low Active Pull-Up Function VIN Detect H XC6413/14xMxxxx N Function Low Active Pull-Up Function VROUT Detect L XC6413/14xNxxxx P Function Low Active Pull-Up Function VROUT Detect H XC6413/14xPxxxx R Function Low Active Nonfunctional VIN Detect L XC6413/14xRxxxx S Function Low Active Nonfunctional VIN Detect L XC6413/14xSxxxx T Function Low Active Nonfunctional VROUT Detect H XC6413/14xTxxxx U Function Low Active Nonfunctional VROUT Detect H XC6413/14xUxxxx V Nonfunctional - - VIN / VSEN Detect L XC6413/14xVxxxx X Nonfunctional - - VROUT/VSEN Detect H XC6413/14xXxxxx Y Nonfunctional - - VROUT/VSEN Detect L XC6413/14xYxxxx Z Nonfunctional - - VROUT/VSEN Detect H XC6413/14xZxxxx MARK OPTIONAL FUNCTIONS PRODUCT SERIES A Toggle and EN Function XC6413/14Axxxxx B Toggle, EN Function, VD signal/VR OFF Function XC6413/14Bxxxxx C EN Function XC6413/14Cxxxxx D CE Function XC6413/14Dxxxxx E VSEN Pin XC6413/14Exxxxx F Cd Pin XC6413/14Fxxxxx MARK OUTPUT VOLTAGE ④ ⑤ VROUT(V) VDOUT(V) PRODUCT SERIES 0 1 3.2 2.5 XC6413/14**01** USP-6B (TOP VIEW) ① Represents product series ⑥ Represents production lot number 0 to 9,A to Z repeated (G, I, J, O, Q, W excepted) Note: No character inversion used. ② Represents optional functions ③ Represents product type ④ ,⑤Represents output Voltage ex.) ■ MARKING RULE (Continued) ● USP-6B |