công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WMHP-HS-25 bảng dữ liệu(PDF) 3 Page - TT Electronics.

tên linh kiện WMHP-HS-25
Giải thích chi tiết về linh kiện  Heatsink for WMHP Series High Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WMHP-HS-25 bảng dữ liệu(HTML) 3 Page - TT Electronics.

  WMHP-HS-25 Datasheet HTML 1Page - TT Electronics. WMHP-HS-25 Datasheet HTML 2Page - TT Electronics. WMHP-HS-25 Datasheet HTML 3Page - TT Electronics. WMHP-HS-25 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Heatsink for WMHP Series High Power Resistors
WMHP-HSSeries
09.17
Application Notes
Steady State Thermal Calculations
Type
P Max @ TF =25°C
(W)
TE Max
(°C)
RθEF
(°C/W)
WMHP20
20
125
6.25
WMHP35
35
3.57
WMHP50
50
2.50
WMHP100
100
175
1.50
The maximum value of
Pfor TF >25°C is a function of TF and is shown in the WMHP datasheet de-ratinggraph.
The value of
RθFH depends on the thermal interface material. Forthermal paste atypical figure is around 1°C/W.
For forced air coolingthe value of
RθHA is shown as a function of airvelocity in the Forced AirCoolinggraph. For
natural convection
RθHA is slightly non-linear, as shown in the Natural Convection graph. The standard figure at P
= 20W is given, and for lowerpowers you can directly read the heatsink temperature rise
TH – TA.
Example: WMHP20 is dissipating5W at an ambient air temperature of30°C. The WMHP-HS is PCB mounted and cooled bynatural
convection. Is the maximum resistor element temperature acceptable?
TA = 30°C, and TH – TA = 50°C at P= 5W. Therefore TH = 80°C. AssumingRθFH = 1°C/W, TF = 85°C.
Therefore
TE = 85°C + 6.25°C/W x 5W = 116°C. This is acceptable as it is below 150°C.
Dynamic Thermal Calculations
In some applications such as inrush currentcontrol, the
dissipation of poweris of limited duration. If the
duration is between about30s and 10 minutes then
the dynamictemperature rise graph may be used to
determine the highestvalueof
TH achieved atthe end
of the loading. The derivation of
TF and TE is then the
same as for the steady state case.
If poweris reapplied beforethe heatsink has fully
cooled, then cumulativeheatingmustbe accounted
for. This can generally be ignored if the mean power
dissipation is below 10% of the maximum permissible
steady state dissipation.
For durations below about30s, the bestguide is the
Pulse Performance graph on the WMHP datasheet.
TE = Temperature of resistor element
P = Power dissipated
RθEF = Thermal resistance element to flange of WMHP
TF = Temperature of resistor flange
RθFH = Thermal resistance flange to heatsink ofthermal interface
TH = Temperature ofheatsink mountingsurface
RθHA = Thermal resistance heatsinkto ambient of WMHP-HS
TA = Temperature of ambient air
A simple thermal model of apowerresistoron a
heatsink is shown, in which temperature rise may
be calculated from the product of powerdissipated
and thermal impedance. Maximum
P, TE and RθEF
values forWMHP are given below.
Figure 1. Thermal model of WMHP and WMHP-HS
RθEF
RθFH
RθHA
TE
TF
TH
TA
P
Natural Convection: τ = 2.4 minutes
Forced Air 2.5m/s: τ = 50 seconds
Heatsink for WMHP Series High Power Resistors
WMHP-HS Series
09.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Application Notes
Type
P Max @ T
F =25°C
(W)
T
E Max
(°C)
R
θEF
(°C/W)
WMHP20
20
150
6.25
WMHP35
35
3.57
WMHP50
50
2.50
WMHP100
100
175
1.50
T
E = Temperature of resistor element
P = Power dissipated
R
θEF = Thermal resistance element to flange of WMHP
T
F = Temperature of resistor flange
R
θFH = Thermal resistance flange to heatsink of thermal
interface
T
H = Temperature of heatsink mounting surface
R
θHA = Thermal resistance heatsink to ambient of WMHP-HS
T
A = Temperature of ambient air
Heatsink for WMHP Series High Power Resistors
WMHP-HSSeries
09.17
Application Notes
Steady State Thermal Calculations
Type
P Max @ TF =25°C
(W)
TE Max
(°C)
RθEF
(°C/W)
WMHP20
20
125
6.25
WMHP35
35
3.57
WMHP50
50
2.50
WMHP100
100
175
1.50
The maximum value of
Pfor TF >25°C is a function of TF and is shown in the WMHP datasheet de-ratinggraph.
The value of
RθFH depends on the thermal interface material. Forthermal paste atypical figure is around 1°C/W.
For forced air coolingthe value of
RθHA is shown as a function of airvelocity in the Forced AirCoolinggraph. For
natural convection
RθHA is slightly non-linear, as shown in the Natural Convection graph. The standard figure at P
= 20W is given, and for lowerpowers you can directly read the heatsink temperature rise
TH – TA.
Example: WMHP20 is dissipating5W at an ambient air temperature of30°C. The WMHP-HS is PCB mounted and cooled bynatural
convection. Is the maximum resistor element temperature acceptable?
TA = 30°C, and TH – TA = 50°C at P= 5W. Therefore TH = 80°C. AssumingRθFH = 1°C/W, TF = 85°C.
Therefore
TE = 85°C + 6.25°C/W x 5W = 116°C. This is acceptable as it is below 150°C.
Dynamic Thermal Calculations
In some applications such as inrush currentcontrol, the
dissipation of poweris of limited duration. If the
duration is between about30s and 10 minutes then
the dynamictemperature rise graph may be used to
determine the highestvalueof
TH achieved atthe end
of the loading. The derivation of
TF and TE is then the
same as for the steady state case.
If poweris reapplied beforethe heatsink has fully
cooled, then cumulativeheatingmustbe accounted
for. This can generally be ignored if the mean power
dissipation is below 10% of the maximum permissible
steady state dissipation.
For durations below about30s, the bestguide is the
Pulse Performance graph on the WMHP datasheet.
TE = Temperature of resistor element
P = Power dissipated
RθEF = Thermal resistance element to flange of WMHP
TF = Temperature of resistor flange
RθFH = Thermal resistance flange to heatsink ofthermal interface
TH = Temperature ofheatsink mountingsurface
RθHA = Thermal resistance heatsinkto ambient of WMHP-HS
TA = Temperature of ambient air
A simple thermal model of apowerresistoron a
heatsink is shown, in which temperature rise may
be calculated from the product of powerdissipated
and thermal impedance. Maximum
P, TE and RθEF
values forWMHP are given below.
Figure 1. Thermal model of WMHP and WMHP-HS
RθEF
RθFH
RθHA
TE
TF
TH
TA
P
Natural Convection: τ = 2.4 minutes
Forced Air 2.5m/s: τ = 50 seconds
Steady State Thermal Calculations
A simple thermal model of a power resistor on
a heatsink is shown, in which temperature rise
may be calculated from the product of power
dissipated and thermal impedance. Maximum
P,
T
E and RθEF values for WMHP are given below.
The maximum value of
P for T
F >25°C is a function of TF and is shown in the WMHP datasheet de-rating graph.
The value of
R
θFH depends on the thermal interface material. For thermal paste a typical figure is around 1°C/W.
For forced air cooling the value of
R
θHA is shown as a function of air velocity in the Forced Air Cooling graph. For
natural convection
R
θHA is slightly non-linear, as shown in the Natural Convection graph. The standard figure at P
= 20W is given, and for lower powers you can directly read the heatsink temperature rise
T
H – TA.
Example: WMHP20 is dissipating 5W at an ambient air temperature of 30°C. The WMHP-HS is PCB mounted
and cooled by natural convection. Is the maximum resistor element temperature acceptable?
T
A = 30°C, and TH – TA = 50°C at P = 5W. Therefore TH = 80°C. Assuming RθFH = 1°C/W, TF = 85°C.
Therefore
T
E = 85°C + 6.25°C/W x 5W = 116°C. This is acceptable as it is below 150°C.
Dynamic Thermal Calculations
In some applications such as inrush current control,
the dissipation of power is of limited duration. If the
duration is between about 30s and 10 minutes then
the dynamic temperature rise graph may be used to
determine the highest value of
T
H achieved at the end of
the loading. The derivation of
T
F and TE is then the same
as for the steady state case.
If power is reapplied before the heatsink has fully
cooled, then cumulative heating must be accounted
for. This can generally be ignored if the mean power
dissipation is below 10% of the maximum permissible
steady state dissipation.
For durations below about 30s, the best guide is the
Pulse Performance graph on the WMHP datasheet.
Heatsink for WMHP Series High Power Resistors
WMHP-HS Series
09.17
Application Notes
Steady State Thermal Calculations
Type
P Max @ TF =25°C
(W)
TE Max
(°C)
RθEF
(°C/W)
WMHP20
20
125
6.25
WMHP35
35
3.57
WMHP50
50
2.50
WMHP100
100
175
1.50
The maximum value of
P for TF >25°C is a function of TF and is shown in the WMHP datasheet de-rating graph.
The value of
RθFH depends on the thermal interface material. For thermal paste a typical figure is around 1°C/W.
For forced air cooling the value of
RθHA is shown as a function of air velocity in the Forced Air Cooling graph. For
natural convection
RθHA is slightly non-linear, as shown in the Natural Convection graph. The standard figure at P
= 20W is given, and for lower powers you can directly read the heatsink temperature rise
TH – TA.
Example: WMHP20 is dissipating 5W at an ambient air temperature of 30°C. The WMHP-HS is PCB mounted and cooled by natural
convection. Is the maximum resistor element temperature acceptable?
TA = 30°C, and TH – TA = 50°C at P = 5W. Therefore TH = 80°C. Assuming RθFH = 1°C/W, TF = 85°C.
Therefore
TE = 85°C + 6.25°C/W x 5W = 116°C. This is acceptable as it is below 150°C.
Dynamic Thermal Calculations
In some applications such as inrush current control, the
dissipation of power is of limited duration. If the
duration is between about 30s and 10 minutes then
the dynamic temperature rise graph may be used to
determine the highest value of
TH achieved at the end
of the loading. The derivation of
TF and TE is then the
same as for the steady state case.
If power is reapplied before the heatsink has fully
cooled, then cumulative heating must be accounted
for. This can generally be ignored if the mean power
dissipation is below 10% of the maximum permissible
steady state dissipation.
For durations below about 30s, the best guide is the
Pulse Performance graph on the WMHP datasheet.
TE = Temperature of resistor element
P = Power dissipated
RθEF = Thermal resistance element to flange of WMHP
TF = Temperature of resistor flange
RθFH = Thermal resistance flange to heatsink of thermal interface
TH = Temperature of heatsink mounting surface
RθHA = Thermal resistance heatsink to ambient of WMHP-HS
TA = Temperature of ambient air
A simple thermal model of a power resistor on a
heatsink is shown, in which temperature rise may
be calculated from the product of power dissipated
and thermal impedance. Maximum
P, TE and RθEF
values for WMHP are given below.
Figure 1. Thermal model of WMHP and WMHP-HS
RθEF
RθFH
RθHA
TE
TF
TH
TA
P
Natural Convection: τ = 2.4 minutes
Forced Air 2.5m/s: τ = 50 seconds
Heatsink for WMHP Series
High Power Resistors
WMHP-HS Series
01.22
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
OBSOLETE



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com