| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WHS2 bảng dữ liệu(PDF) 3 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
WHS2 bảng dữ liệu(HTML) 3 Page - TT Electronics. |
|
3 / 5 page ![]() Application Notes 1. If the resistors are to dissipate full rated power, it is recommended that the terminations should not be soldered closer than 4mm from the body. 2. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. The surface temperature rise at the centre of the body is shown under Thermal Performance. 3. WHS2, WHS3, WHS5 resistors can also be supplied with goalpost or lancet pre-formed leads. Hairpin form is available on WHS2 and WHS3 only. For details see https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Application-Note/TN008-Resistors-Leadform-Capability.pdf WHS2, WHS3, and WHS5 are also available in an SMD format with ZI formed leads and packed in blister tape. For details see https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Resistors/Datasheets/ZI-form.pdf Thermal Performance WHS10N WHS10 WHS7 WHS5 WHS3 WHS2 / WHSP2R Derating Curve Body Temperature Rise Ambient Temperature °C Power (W) WHS10(N) WHS3 WHS5 WHS7 WHS10(N) WHS2-7 WHS2 / WHSP2R WHS Series Wirewound High Surge Resistors 10.24 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors BI Technologies IRC Welwyn |