công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2945 bảng dữ liệu(PDF) 2 Page - Adafruit Industries

tên linh kiện 2945
Giải thích chi tiết về linh kiện  NeoPixel FeatherWing - 4x8 RGB LED Addon For All Feather Boards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADAFRUIT [Adafruit Industries]
Trang chủ  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2945 bảng dữ liệu(HTML) 2 Page - Adafruit Industries

  2945 Datasheet HTML 1Page - Adafruit Industries 2945 Datasheet HTML 2Page - Adafruit Industries 2945 Datasheet HTML 3Page - Adafruit Industries 2945 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
DESCRIPTION
A Feather board without ambition is a Feather board without FeatherWings! This is
the NeoPixel FeatherWing, a 4x8 RGB LED Add-on For All Feather Boards! Using
our Feather Stacking Headers or Feather Female Headers you can connect a
FeatherWing on top or bottom of your Feather board and make your Feather board
strut like a peacock at a rave.
Put on your sunglasses before staring into these 32 configurable eye-blistering
RGB LEDs. Arranged in a 4x8 matrix, each pixel is individually addressable. Only
one pin is required to control all the LEDs. On the bottom we have jumpers for the
DIN line to any of the I/O pins on a Feather. You can cut the default jumper trace
and use any pin you like.
To make it easy to start, the LEDs are by default powered from
either the USB
power line or Battery power line, whichever is higher. Two Schottky diodes are used
to switch between the two. This power arrangement is able to handle 1 Amp of
constant current draw and maybe 2A peak, so not a good way to make a flashlight.
It's better for colorful effects.



Html Pages

1 2 3 4