| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F429NGT7 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NGT7 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 231 page ![]() These features make the STM32F427xx and STM32F429xx microcontrollers suitable for a wide range of applications: • Motor drive and application control • Medical equipment • Industrial applications: PLC, inverters, circuit breakers • Printers, and scanners • Alarm systems, video intercom, and HVAC • Home audio appliances Figure 4 shows the general block diagram of the device family. Table 2. STM32F427xx and STM32F429xx features and peripheral counts Peripherals STM32F427 Vx STM32F429Vx STM32F427 Zx STM32F429Zx STM32F427 Ax STM32F429 Ax STM32F427 Ix STM32F429Ix STM32F429Bx STM32F429Nx Flash memory in Kbytes 1024 2048 512 1024 2048 1024 2048 512 1024 2048 1024 2048 1024 2048 1024 2048 512 1024 2048 512 1024 2048 512 1024 2048 SRAM in Kbytes System 256(112+16+64+64) Backup 4 FMC memory controller Yes(1) Ethernet Yes Timers General- purpose 10 Advanced -control 2 Basic 2 Random number generator Yes |