công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F427NET6 bảng dữ liệu(PDF) 81 Page - STMicroelectronics

tên linh kiện STM32F427NET6
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427NET6 bảng dữ liệu(HTML) 81 Page - STMicroelectronics

Back Button STM32F427NET6 Datasheet HTML 77Page - STMicroelectronics STM32F427NET6 Datasheet HTML 78Page - STMicroelectronics STM32F427NET6 Datasheet HTML 79Page - STMicroelectronics STM32F427NET6 Datasheet HTML 80Page - STMicroelectronics STM32F427NET6 Datasheet HTML 81Page - STMicroelectronics STM32F427NET6 Datasheet HTML 82Page - STMicroelectronics STM32F427NET6 Datasheet HTML 83Page - STMicroelectronics STM32F427NET6 Datasheet HTML 84Page - STMicroelectronics STM32F427NET6 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 231 page
background image
Port
H
PH7
-
-
-
-
I2C3_
SCL
SPI5_
MISO
--
-
-
-
ETH_MII_
RXD3
FMC_
SDCKE1
DCMI_
D9
--
PH8
-
-
-
-
I2C3_
SDA
--
-
-
-
-
-
FMC_D16
DCMI_
HSYNC
LCD_R2
EVEN
TOUT
PH9
-
-
-
-
I2C3_
SMBA
-
-
-
-
TIM12_CH2
-
-
FMC_D17
DCMI_
D0
LCD_R3
EVEN
TOUT
PH10
-
-
TIM5_
CH1
--
-
-
-
-
-
-
-
FMC_D18
DCMI_
D1
LCD_R4
EVEN
TOUT
PH11
-
-
TIM5_
CH2
--
-
-
-
-
-
-
-
FMC_D19
DCMI_
D2
LCD_R5
EVEN
TOUT
PH12
-
-
TIM5_
CH3
--
-
-
-
-
-
-
-
FMC_D20
DCMI_
D3
LCD_R6
EVEN
TOUT
PH13
-
-
-
TIM8_
CH1N
-
-
-
-
-
CAN1_TX
-
-
FMC_D21
-
LCD_G2
EVEN
TOUT
PH14
-
-
-
TIM8_
CH2N
-
-
-
-
-
-
-
-
FMC_D22
DCMI_
D4
LCD_G3
EVEN
TOUT
PH15
-
-
-
TIM8_
CH3N
-
-
-
-
-
-
-
-
FMC_D23
DCMI_
D11
LCD_G4
EVEN
TOUT
Port I
PI0
-
-
TIM5_
CH4
--
SPI2_
NSS/I2
S2_WS
-
-
-
-
-
-
FMC_D24
DCMI_
D13
LCD_G5
EVEN
TOUT
PI1
-
-
-
-
-
SPI2_
SCK/I2
S2_CK
-
-
-
-
-
-
FMC_D25
DCMI_
D8
LCD_G6
EVEN
TOUT
PI2
-
-
-
TIM8_
CH4
-
SPI2_
MISO
I2S2ext_
SD
--
-
-
-
FMC_D26
DCMI_
D9
LCD_G7
EVEN
TOUT
PI3
-
-
-
TIM8_
ETR
-
SPI2_M
OSI/I2S
2_SD
FMC_D27
DCMI_D
10
EVEN
TOUT
PI4
-
-
-
TIM8_
BKIN
--
-
-
-
-
-
-
FMC_
NBL2
DCMI_D
5
LCD_B4
EVEN
TOUT
PI5
-
-
-
TIM8_
CH1
--
-
-
-
-
-
-
FMC_
NBL3
DCMI_
VSYNC
LCD_B5
EVEN
TOUT
PI6
-
-
-
TIM8_
CH2
-
-
-
-
-
-
-
-
FMC_D28
DCMI_
D6
LCD_B6
EVEN
TOUT
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More