công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WA83 bảng dữ liệu(PDF) 2 Page - TT Electronics.

tên linh kiện WA83
Giải thích chi tiết về linh kiện  General Purpose Cement Coated Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WA83 bảng dữ liệu(HTML) 2 Page - TT Electronics.

  WA83 Datasheet HTML 1Page - TT Electronics. WA83 Datasheet HTML 2Page - TT Electronics. WA83 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
b
f1
f2
6
6
c
Body Location f1 – f2
≤ 1.4 mm
Marking
WA85 and 87 resistors are legend marked with type
reference, resistance value and tolerance. In conformance
with IEC 62.
WA82, 83, 835 and 84 resistors 0R1 and above are colour
coded with 4 bands in conformance with IEC 62. Values
below 0R1 are 3 band marked, two digits and tolerance,
there is no multiplier band.
General Purpose Cement
Coated Wirewound Resistors
WA80 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
90
Issue D · 08.04
Welwyn Components
Maximum
Typical
Load at rated power: 1000 hrs at 25 or 70°c
∆R%
5.0 + .001
Ω
3.0
Dry heat: 1000 hrs at 200°c
∆R%
5.0 + .001
Ω
3.0
Derating from rated power at 25°c
See derating curve
Short term overload
∆R%
5.0 + .001
Ω
1.0
Climatic
∆R%
5.0 + .001
Ω
2.0
Climatic category
∆R%
55/200/56
Ω
Long term damp Heat: 56 days
∆R%
5.0 + .001
Ω
1.0
T.R.C. & Vibration
∆R%
5.0 + .001
Ω
1.0
Robustness & Solder Heat
∆R%
5.0 + .001
Ω
1.0
Pulse Handling
Data available by request
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuits.
Flammability
The resistor coating will not burn under any condition of
applied temperature or component overload.
Performance Data
20
40
60
80 100 120 140 160 180 200 220 240 260 280
130
120
110
100
90
80
70
60
50
40
30
20
10
0
Temp
°C
WA80 Series Derating Curve
Type
WA82 WA83 WA835 WA84 WA85 WA87
Reel
5000
2500
2500
1000
750
700
Large ammo pack
5000
2500
1500
1000
700
n/a
Standard Quantities Per Package
Application Notes
Care must be taken when determining clearance between the
resistor body and the P.C.B. or other components. Resistance
is measured 6mm from body.
Packaging
All resistors are supplied tape packed ready for loading onto
automatic sequencing and insertion machines. The critical
dimensions are shown in figure 2.
Component wires will not protrude beyond the outside edge
of the tapes.
All taped resistors will be supplied either on reels or in
ammopacks, depending upon quantities orderded.
WA series resistors can be supplied preformed. Contact
factory for details.
Figure 2
Type
WA82
WA83
WA835
WA84
WA85
WA87
b
525252676385
c
5
5
5
10
10
10
WA80_D.qxd
8/6/04
10:58 AM
Page 2
WA87 is OBSOLETE



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com