| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F429NET7XXX bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NET7XXX bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 231 page ![]() DocID024030 Rev 6 85/231 STM32F427xx STM32F429xx Memory mapping 88 Table 13. STM32F427xx and STM32F429xx register boundary addresses Bus Boundary address Peripheral 0xE00F FFFF - 0xFFFF FFFF Reserved Cortex-M4 0xE000 0000 - 0xE00F FFFF Cortex-M4 internal peripherals AHB3 0xD000 0000 - 0xDFFF FFFF FMC bank 6 0xC000 0000 - 0xCFFF FFFF FMC bank 5 0xA000 1000 - 0xBFFF FFFF Reserved 0xA000 0000- 0xA000 0FFF FMC control register 0x9000 0000 - 0x9FFF FFFF FMC bank 4 0x8000 0000 - 0x8FFF FFFF FMC bank 3 0x7000 0000 - 0x7FFF FFFF FMC bank 2 0x6000 0000 - 0x6FFF FFFF FMC bank 1 0x5006 0C00- 0x5FFF FFFF Reserved AHB2 0x5006 0800 - 0X5006 0BFF RNG 0x5005 0400 - X5006 07FF Reserved 0x5005 0000 - 0X5005 03FF DCMI 0x5004 0000- 0x5004 FFFF Reserved 0x5000 0000 - 0X5003 FFFF USB OTG FS |